Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54383 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54383
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54383 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54383 Datasheet HTML 1Page - Texas Instruments TPS54383 Datasheet HTML 2Page - Texas Instruments TPS54383 Datasheet HTML 3Page - Texas Instruments TPS54383 Datasheet HTML 4Page - Texas Instruments TPS54383 Datasheet HTML 5Page - Texas Instruments TPS54383 Datasheet HTML 6Page - Texas Instruments TPS54383 Datasheet HTML 7Page - Texas Instruments TPS54383 Datasheet HTML 8Page - Texas Instruments TPS54383 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
FEATURES
CONTENTS
DESCRIPTION
APPLICATIONS
1
2
3
4
16
15
14
13
PVDD2
BOOT2
SW2
BP
PVDD1
BOOT1
SW1
GND
TPS55383
5
6
7
12
11
10
SEQ
ILIM2
FB2
EN1
EN2
FB1
OUTPUT1
OUTPUT2
V
IN
UDG-08045
8
9
COMP2
COMP1
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
AND EXTERNAL COMPENSATION
23
• 4.5-V to 28-V Input Range
Device Ratings
2
• Output Voltage 0.8 V to 90% of Input Voltage
Electrical Characteristics
4
Device Information
10
• Output Current Up to 3 A
Application Information
13
• Two Fixed Switching Frequency Versions:
Design Examples
30
TPS55383: 300 kHz
Additional References
39
TPS55386: 600 kHz
• Three Selectable Levels of Overcurrent
Protection (Output 2)
The TPS55383 and TPS55386 are dual output,
• 0.8-V 1.75% Voltage Reference
non-synchronous
buck
converters
capable
of
• 2.1-ms Internal Soft Start
supporting 3-A output applications that operate from a
• Dual PWM Outputs 180° Out-of-Phase
4.5-V to 28-V input supply voltage, and require output
voltages between 0.8 V and 90% of the input voltage.
• Ratiometric or Sequential Startup Modes
• Configurable as Dual Output or Two-Channel
With an internally-determined operating frequency
Single Output Multiphase for 6 amp Capability
and soft start time, these converters provide many
features with a minimum of external components. The
• 85-mΩ Internal High-Side MOSFETs
outputs of the two error amplifiers are accessible
• Current Mode Control with External
allowing user optimization of the feedback loop under
Compensation
a
wide
range
of
output
filter
characteristics.
• Pulse-by-Pulse Overcurrent Protection
Channel 1 overcurrent protection is set at 4.5 A, while
Channel 2 overcurrent protection level is selected by
• Thermal Shutdown Protection at +148°C
connecting a pin to ground, to BP, or left floating. The
• 16-Pin PowerPAD™ HTSSOP package
setting levels are used to allow for scaling of external
components for applications that do not need the full
load capability of both outputs.
• Set Top Box
The outputs may be enabled independently, or
• Digital TV
configured to allow either ratiometric or sequential
• Power for DSP
startup sequencing. Additionally, the two outputs may
be powered from different sources.
• Consumer Electronics
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54383PWP TI-TPS54383PWP Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383PWPG4 TI-TPS54383PWPG4 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383PWPR TI-TPS54383PWPR Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
More results

Similar Description - TPS54383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI1-TPS54283_17 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
logo
Analog Devices
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com