Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54331 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Power input to the Output 1 high side MOSFET only. This pin should be locally bypassed to GND with a
PVDD1
1
I
low ESR ceramic capacitor of 10-
µF or greater.
The PVDD2 pin provides power to the device control circuitry, provides the pull-up for the EN1 and EN2
pins and provides power to the Output 2 high-side MOSFET. This pin should be locally bypassed to
PVDD2
16
I
GND with a low ESR ceramic capacitor of 10-
µF or greater. The UVLO function monitors PVDD2 and
enables the device when PVDD2 is greater than 4.1 V.
This pin configures the output startup mode. If the SEQ pin is connected to BP, then when Output 2 is
enabled, Output 1 is allowed to start after Output 2 has reached regulation; that is, sequential startup
where Output 1 is slave to Output 2. If EN2 is allowed to go high after the outputs have been operating,
then both outputs are disabled immediately, and the output voltages decay according to the load that is
present. For this sequence configuration, tie EN1 to ground.
If the SEQ pin is connected to GND, then when Output 1 is enabled, Output 2 is allowed to start after
Output 1 has reached regulation; that is, sequential startup where Output 2 is slave to Output 1. If EN1
is allowed to go high after the outputs have been operating, then both outputs are disabled immediately,
SEQ
12
I
and the output voltages decay according to the load that is present. For this sequence configuration, tie
EN2 to ground.
If left floating, Output 1 and Output 2 start ratio-metrically when both outputs are enabled at the same
time. They will soft start at a rate determined by their final output voltage and enter regulation at the
same time. If the EN1 and EN2 pins are allowed to operate independently, then the two outputs also
operate independently
NOTE: An internal two resistor (150-k
Ω each) divider connects BP to SEQ and to GND. See the
Sequence States table.
Source (switching) output for Output 1 PWM. A snubber is recommended to reduce ringing on this
SW1
3
O
node. See SW Node Ringing for further information.
Source (switching) output for Output 2 PWM. A snubber is recommended to reduce ringing on this
SW2
14
O
node. See SW Node Ringing for further information.
Thermal Pad
-
-
This pad must be tied externally to a ground plane and the GND pin.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS55383 TPS55386


Similar Part No. - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331 TI-TPS54331 Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54331 TI1-TPS54331 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
More results

Similar Description - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI1-TPS54283_17 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
logo
Analog Devices
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com