Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494B475M010AS Datasheet(PDF) 2 Page - Texas Instruments

Part # T494B475M010AS
Description  REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

T494B475M010AS Datasheet(HTML) 2 Page - Texas Instruments

  T494B475M010AS Datasheet HTML 1Page - Texas Instruments T494B475M010AS Datasheet HTML 2Page - Texas Instruments T494B475M010AS Datasheet HTML 3Page - Texas Instruments T494B475M010AS Datasheet HTML 4Page - Texas Instruments T494B475M010AS Datasheet HTML 5Page - Texas Instruments T494B475M010AS Datasheet HTML 6Page - Texas Instruments T494B475M010AS Datasheet HTML 7Page - Texas Instruments T494B475M010AS Datasheet HTML 8Page - Texas Instruments T494B475M010AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS60101
REGULATED 3.3V 100mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS214B − JUNE 1999 − REVISED AUGUST 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
SYNC
ENABLE
FB
OUT
C1+
IN
C1−
PGND
PGND
GND
3V8
COM
SKIP
OUT
C2+
IN
C2−
PGND
PGND
PWP PACKAGE
(TOP VIEW)
Figure 2. Bottom View of PWP Package,
Showing the Thermal Pad
Thermal
Pad
AVAILABLE OPTIONS
PACKAGE
TSSOP†
(PWP)
TPS60101PWP
† This package is available taped and reeled. To order this packaging
option, add an R suffix to the part number (e.g., TPS60101PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V8
19
I
Mode selection. When 3V8 is logic low the charge pump operates in the regulated 3.3-V mode. When 3V8 is
connected to IN the regulator operates in preregulated 3.8-V mode.
C1+
6
Positive terminal of the charge-pump capacitor C1F
C1−
8
Negative terminal of the charge-pump capacitor C1F
C2+
15
Positive terminal of the charge-pump capacitor C2F
C2−
13
Negative terminal of the charge-pump capacitor C2F
COM
18
I
Mode selection.
When COM is logic low the charge pump operates in push-pull mode to minimize output ripple. When COM is
connected to IN the regulator operates in single-ended mode requiring only one flying capacitor.
ENABLE
3
I
ENABLE Input. The device turns off, the output disconnects from the input, and the supply current decreases to
0.05
µA when ENABLE is a logic low. ENABLE High may only be applied when VIN is inside the recommended
operating range.
FB
4
I
FEEDBACK input. Connect FB to OUT as close to the load as possible to achieve best regulation. Resistive divider
is on chip to match internal reference voltage of 1.22 V.
GND
1, 20
GROUND. Analog ground for internal reference and control circuitry. Connect to PGND through a short trace.
IN
7, 14
I
Supply Input. Connect to an input supply in the 1.8-V to 3.6-V range. Bypass IN to GND with a (CO/2) µF capacitor.
Connect both INs through a short trace.
OUT
5, 16
O
Regulated power output. Connect both OUTs through a short trace and bypass OUT to GND with the output filter
capacitor CO. VO = 3.3 V when 3V8 = low and VO = 3.8 V when 3V8 = high.
PGND
9−12
PGND power ground. Charge-pump current flows through this pin. Connect all PGNDs together.
SKIP
17
I
Mode selection. When SKIP is logic low, the charge pump operates in constant-frequency mode. Output ripple
and noise are minimized in this mode. When SKIP is connect to IN, the device operates in pulse skip mode.
Quiescent current is lowest in this mode.
SYNC
2
I
Selection for external clock signal. Connect to GND to use the internally generated clock signal. Connect to IN
for external synchronization. In this case, the clock signal needs to be fed through 3V8 and the device operates
in the regulated 3.3-V mode.


Similar Part No. - T494B475M010AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B475M010AS KEMET-T494B475M010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
logo
Texas Instruments
T494B475M010AS TI1-T494B475M010AS Datasheet
986Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - T494B475M010AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com