Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4004-MH1 Datasheet(PDF) 2 Page - Formosa MS

Part # FM4004-MH1
Description  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4004-MH1 Datasheet(HTML) 2 Page - Formosa MS

  FM4004-MH1 Datasheet HTML 1Page - Formosa MS FM4004-MH1 Datasheet HTML 2Page - Formosa MS FM4004-MH1 Datasheet HTML 3Page - Formosa MS FM4004-MH1 Datasheet HTML 4Page - Formosa MS FM4004-MH1 Datasheet HTML 5Page - Formosa MS FM4004-MH1 Datasheet HTML 6Page - Formosa MS FM4004-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
T
High current capability
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
iny plastic SMD package.
Suffix "-H" indicates Halogen-free parts, ex. FM4001-MH1-H.
.
High surge capability.
Glass passivated chip junction.
Page 2
Formosa MS
1.0A Surface Mount General
Purpose Rectifiers- 50V-1000V
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121143
2013/05/02
-
A
7
Chip General Purpose Rectifiers
Note 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
SYMBOLS
Maximum repetitive peak reverse voltage
PARAMETER
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
IO
VDC
VRRM
IFSM
VRMS
Maximum forward voltage at I =1.0A
F
VF
IR
Maximum DC reverse current T =25 C
at rated DC blocking voltage T =125 C
J
J
°
°
CJ
Typical junction capacitance (Note 1)
TSTG
TJ
Operating junction temperature range
Storage temperature range
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1.0
25
5.0
50
1.1
15
-55 to +150
-65 to +175
UNIT
V
V
V
A
A
V
uA
uA
pF
°C
°C
FM4001-MH1 FM4002-MH1 FM4003-MH1 FM4004-MH1 FM4005-MH1 FM4006-MH1 FM4007-MH1
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
SOD-123H1
Weight : Approximated 0.0103 gram
FM4001-M
THRU FM4007-M
H1
H1
RθJA
Typical thermal resistance junction to ambient
Typical thermal resistance junction to case
65
40
°C/W
RθJC
Package outline
Dimensions in inches and (millimeters)
SOD-123H1
0.031(0.8) Typ.
0.146(3.7)
0.130(3.3)
0.004(0.1) Typ.
0.031(0.8) Typ.
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
°C/W


Similar Part No. - FM4004-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4004-MH FORMOSA-FM4004-MH Datasheet
78Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4004-MH PACELEADER-FM4004-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Similar Description - FM4004-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-S FORMOSA-FM4001-S Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com