Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD70D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD70D
Description  3.3-V Full-Duplex RS-485 Transceivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD70D Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD70D Datasheet HTML 1Page - Texas Instruments SN65HVD70D Datasheet HTML 2Page - Texas Instruments SN65HVD70D Datasheet HTML 3Page - Texas Instruments SN65HVD70D Datasheet HTML 4Page - Texas Instruments SN65HVD70D Datasheet HTML 5Page - Texas Instruments SN65HVD70D Datasheet HTML 6Page - Texas Instruments SN65HVD70D Datasheet HTML 7Page - Texas Instruments SN65HVD70D Datasheet HTML 8Page - Texas Instruments SN65HVD70D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
D
Z
Y
6
5
3
R
B
A
7
8
2
1
2
3
4
8
7
6
5
R
D
VCC
B
A
Z
Y
GND
SN65HVD70, SN65HVD71, SN65HVD73, SN65HVD74, SN65HVD76, SN65HVD77
www.ti.com
SLLSEI9E – MAY 2014 – REVISED OCTOBER 2014
5 Device Comparison Table
PART NUMBER(1)
SIGNALING RATE
DUPLEX
ENABLES
PACKAGE
NODES
SOIC-14
SN65HVD70
up to 400 kbps
Full
DE, RE
256
MSOP-10
SOIC-8
SN65HVD71
up to 400 kbps
Full
None
256
MSOP-8
SOIC-14
SN65HVD73
up to 20 Mbps
Full
DE, RE
256
MSOP-10
SOIC-8
SN65HVD74
up to 20 Mbps
Full
None
256
MSOP-8
SOIC-14
SN65HVD76
up to 50 Mbps
Full
DE, RE
96
MSOP-10
SOIC-8
SN65HVD77
up to 50 Mbps
Full
None
96
MSOP-8
(1)
For device status, see the Mechanical, Packaging, and Orderable Information section.
6 Pin Configuration and Functions
SN65HVD71, SN65HVD74, SN65HVD77
8-Pin SOIC, D Package, and 8-Pin MSOP, DGK Package
(Top View)
Pin Functions — SOIC-8 and MSOP-8
PIN
TYPE
DESCRIPTION
NAME
NO.
VCC
1
Supply
3-V to 3.6-V supply
R
2
Digital output
Receive data output
D
3
Digital input
Driver data input
GND
4
Reference potential
Local device ground
Y
5
Bus output
Digital bus output, Y (Complementary to Z)
Z
6
Bus output
Digital bus output, Z (Complementary to Y)
B
7
Bus input
Digital bus input, B (Complementary to A)
A
8
Bus input
Digital bus input, A (Complementary to B)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD70 SN65HVD71 SN65HVD73 SN65HVD74 SN65HVD76 SN65HVD77


Similar Part No. - SN65HVD70D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD70D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com