Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF10A10F Datasheet(PDF) 2 Page - Formosa MS

Part # SF10A10F
Description  Super Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF10A10F Datasheet(HTML) 2 Page - Formosa MS

  SF10A10F Datasheet HTML 1Page - Formosa MS SF10A10F Datasheet HTML 2Page - Formosa MS SF10A10F Datasheet HTML 3Page - Formosa MS SF10A10F Datasheet HTML 4Page - Formosa MS SF10A10F Datasheet HTML 5Page - Formosa MS SF10A10F Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Super Fast Recovery Rectifiers
10A Super Fast Recovery
Rectifiers - 50V-600V
High surge current capability.
.
Glass passivated chip junctions.
Features
Low forward voltage, high current capability
Super fast recovery time for switching mode application.
Lead-free parts meet environmental standards of
MIL-STD-19500/228
Suffix "-H" indicates Halogen-free parts, ex. SF10Α05F-H.
Low power loss
SF10A05F THRU SF10A60F
Document ID
Issued Date
Revised Date
Revision
Page.
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : JEDEC ITO-220AC molded plastic body over
passivated chip
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity:
Mounting Position : Any
Weight : Approximated 1.70 gram
As marked
Dimensions in inches and (millimeters)
ITO-220AC
0.406(10.3)
0.381(9.7)
0.134(3.4)
0.118(3.0)
0.606(15.4)
0.583(14.8)
0.272(6.9)
0.248(6.3)
1
2
0.161(4.1)MAX
0.548(13.9)
0.512(13.0)
0.189(4.8)
0.165(4.2)
0.035(0.9)
0.011(0.3)
0.110(2.8)
0.091(2.3)
0.130(3.3)
0.099(2.5)
.032(0.8)MAX
PIN2
PIN1
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage at IF=10A
Maximum DC reverse current
at TJ =25 C
at TJ =125 C
°
°
at rated DC blocking voltage
Electrical characteristics (AT T =25
A
oC unless otherwise noted)
Thermal characteristics
Maximum reverse recovery time (Note 1)
Note 1: Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
Typical thermal resistance junction to case
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
RθJC
trr
SF10A05F
50
35
50
SF10A10F
0.98
100
70
100
SF10A20F
-55 to +150
-65 to +175
5.0
250
35
200
140
200
10
125
2.0
SF10A40F
400
280
400
1.30
SF10A60F
1.75
600
420
600
UNIT
°C
°C
UNIT
uA
uA
UNIT
°C/W
ns
V
V
V
A
A
V
SF10A05F
SF10A10F
SF10A20F
SF10A40F
SF10A60F
SF10A05F
SF10A10F
SF10A20F
SF10A40F
SF10A60F
DS-222418
2008/02/10
2016/07/05
E
6


Similar Part No. - SF10A10F

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF10A10 FORMOSA-SF10A10 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results

Similar Description - SF10A10F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
   SUPER FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UTX105 DIGITRON-UTX105 Datasheet
153Kb / 3P
   SUPER-FAST RECOVERY RECTIFIERS
logo
Formosa MS
SF10A05 FORMOSA-SF10A05 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
SF15A05F FORMOSA-SF15A05F Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com