Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD71DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD71DR
Description  3.3-V Full-Duplex RS-485 Transceivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD71DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD71DR Datasheet HTML 4Page - Texas Instruments SN65HVD71DR Datasheet HTML 5Page - Texas Instruments SN65HVD71DR Datasheet HTML 6Page - Texas Instruments SN65HVD71DR Datasheet HTML 7Page - Texas Instruments SN65HVD71DR Datasheet HTML 8Page - Texas Instruments SN65HVD71DR Datasheet HTML 9Page - Texas Instruments SN65HVD71DR Datasheet HTML 10Page - Texas Instruments SN65HVD71DR Datasheet HTML 11Page - Texas Instruments SN65HVD71DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
SN65HVD70, SN65HVD71, SN65HVD73, SN65HVD74, SN65HVD76, SN65HVD77
SLLSEI9E – MAY 2014 – REVISED OCTOBER 2014
www.ti.com
Electrical Characteristics (continued)
over recommended operating range (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Receiver high-level output voltage
IOH = –8 mA
2.4
VCC–0.3
V
VOL
Receiver low-level output voltage
IOL = 8 mA
0.2
0.4
V
Driver input, driver enable, and receiver enable input
II
–3
3
µA
current
Receiver output high-impedance
HVD70, HVD73,
IOZ
VO = 0 V or VCC, RE = VCC
–1
1
µA
current
HVD76
IOS
Driver short-circuit output current
–150
150
mA
VI = 12 V
75
125
HVD70,
HVD73
VI = –7 V
–100
–40
VCC = 0 to ROC (max),
II
Bus input current (disabled driver)
µA
DE = GND
VI = 12 V
240
333
HVD76
VI = –7 V
–267
–180
Driver and receiver
DE = VCC, RE = GND,
750
1100
µA
enabled
No load
Driver enabled, receiver
DE = VCC, RE = VCC,
350
650
µA
disabled
No load
ICC
Supply current (quiescent)
Driver disabled, receiver
DE = GND, RE = GND,
650
800
µA
enabled
No load
Driver and receiver
DE = GND, D = open,
0.1
5
µA
disabled
RE = VCC, No load
Supply current (dynamic)
See the Typical Characteristics section
Tsd
Thermal Shut-down junction temperature
170
°C
7.8 Switching Characteristics — 400 kbps
400-kbps devices (SN65HVD70, SN65HVD71) bit time
≥ 2 µs (over recommended operating conditions)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DRIVER
tr, tf
Driver differential output rise/fall time
100
400
750
ns
tPHL, tPLH
Driver propagation delay
RL = 54 Ω, CL = 50 pF
See Figure 17
350
550
ns
tSK(P)
Driver pulse skew, |tPHL – tPLH|
40
ns
tPHZ, tPLZ
Driver disable time
50
200
ns
See Figure 18
HVD70
Receiver enabled
300
750
ns
and Figure 19
tPZH, tPZL
Driver enable time
Receiver disabled
3
8
µs
RECEIVER
tr, tf
Receiver output rise/fall time
13
25
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 20
70
110
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
7
ns
tPLZ, tPHZ
Receiver disable time
45
60
ns
tPZL(1),
Driver enabled
See Figure 21
20
115
ns
HVD70
tPZH(1)
3
8
µs
Receiver enable time
tPZL(2),
Driver disabled
See Figure 22
tPZH(2)
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN65HVD70 SN65HVD71 SN65HVD73 SN65HVD74 SN65HVD76 SN65HVD77


Similar Part No. - SN65HVD71DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD71DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com