Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1605FCT Datasheet(PDF) 5 Page - Formosa MS

Part # SF1605FCT
Description  Super Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF1605FCT Datasheet(HTML) 5 Page - Formosa MS

  SF1605FCT Datasheet HTML 1Page - Formosa MS SF1605FCT Datasheet HTML 2Page - Formosa MS SF1605FCT Datasheet HTML 3Page - Formosa MS SF1605FCT Datasheet HTML 4Page - Formosa MS SF1605FCT Datasheet HTML 5Page - Formosa MS SF1605FCT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
SF1605FCT THRU SF1660FCT
Document ID
Issued Date
Revised Date
Revision
Page.
Super Fast Recovery Rectifiers
Suggested thermal profiles for soldering processes
1.Lead free temperature profile wave-soldering
0
20
40
60
80
100 120 140 160 180 200 220 240
Time(Sec)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Preheat
Max gradient 2ºC/s
Peak
Max well
time 5 Max
Cool Down
Max gradient-4ºC/s
Suggested gradient 2ºC/s or
less
-
Peak soldering temperature not
to exceed 260ºC
DS-222416
2008/02/10
2014/08/15
D
6


Similar Part No. - SF1605FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1605FCT PACELEADER-SF1605FCT Datasheet
730Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1605FCT YEASHIN-SF1605FCT Datasheet
46Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
Frontier Electronics.
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
   16A SUPER FAST RECOVERY RECTIFIER 50V-600V
More results

Similar Description - SF1605FCT

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
   SUPER FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UTX105 DIGITRON-UTX105 Datasheet
153Kb / 3P
   SUPER-FAST RECOVERY RECTIFIERS
logo
Formosa MS
SF10A05 FORMOSA-SF10A05 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
SF15A05F FORMOSA-SF15A05F Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com