Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5608DHMPX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5608DHMPX
Description  Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DHMPX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5608DHMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PRODUCT SPECIFICATION
FAN5608
2
REV. 1.0.3 6/28/04
external resistor to set the current, and to turn the device ON
and OFF. The FAN5608DMPX/FAN5608MPX is available
in an 8-lead MLP package with or without an internal Schot-
tky diode. The FAN5608DHMPX is available in a 12-lead
MLP package with an internal Schottky diode.
Typical Application (Continued)
3X3mm MLP-8 Package
with internal Schottky diode
Order Code: FAN5608DMPX
3X3mm MLP-8 Package
with external Schottky diode
Order Code: FAN5608MPX
IND
R
R
VIN
VEXTERNAL
VOUT
IND
A1
A2
GND
CH2
CH1
2.7V TO 5V
L = 4.7
µH
CIN
4.7
µF
IND
R
R
VIN
VEXTERNAL
NC
VOUT
IND
A1
A2
GND
CH2
CH1
2.7V TO 5V
L = 4.7
µH
4.7
µF
CIN
Analog Brightness Control
Definition of Terms
Output Current Accuracy: reflects the difference between the measured value of the output current (LED) and
programmed value of this current.
Current Matching: refers to the absolute value of difference in current between the two LED branches.
Efficiency: is expressed as a ratio between the electrical power into the LEDs and the total power consumed from the input
power supply.
Although this definition leads to a lower value than the boost converter efficiency, it more accurately reflects better system per-
formance, from the user’s point-of-view.
Output Current Accuracy (%)
I
OUT measured
I
OUT programmed
() 100
×
I
OUT programmed
------------------------------------------------------------------------------------------------------------
=
Current Matching (%)
I
LED branch 1
I
LED branch 2
() 100
×
I
LED branch 1
I
LED branch 2
+
() 2
-----------------------------------------------------------------------------------------------
=
Efficiency (%)
V
LED branch 1
I
LED branch 1
×
V
LED branch 1
I
LED branch 1
×
+
() 100
×
V
IN
I
IN
×
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=


Similar Part No. - FAN5608DHMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

Similar Description - FAN5608DHMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com