Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62160QDSGTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62160QDSGTQ1
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160QDSGTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62160QDSGTQ1 Datasheet HTML 1Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 2Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 3Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 4Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 5Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 6Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 7Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 8Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
22uF
3.3V / 1A
10uF
2.2µH
VIN
TPS62160-Q1
470k
150k
VIN
EN
AGND
PGND
SW
VOS
PG
FB
100k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62160-Q1
SLVSCK6 – DECEMBER 2014
TPS62160-Q1 3-V to 17-V 1-A Step-Down Converter with DCS-Control™
1 Features
3 Description
The TPS62160-Q1 is an easy to use synchronous
1
DCS-Control™ Topology
step
down
DC-DC
converter
optimized
for
Qualified for Automotive Applications
applications with high power density. A high switching
AEC-Q100 Qualified With the Following Results:
frequency of typically 2.25 MHz allows the use of
small inductors and provides fast transient response
Device Temperature Grade: –40°C to 125°C
as well as high output voltage accuracy by utilization
Operating Junction Temperature Range
of the DCS-Control™ topology.
Device HBM ESD Classification Level H2
With their wide operating input voltage range of 3 V
Device CDM ESD Classification Level C4B
to 17 V, the devices are ideally suited for systems
Input Voltage Range: 3 V to 17 V
powered from either a Li-Ion or other battery as well
Up to 1-A Output Current
as from 12-V intermediate power rails. It supports up
to 1-A continuous output current at output voltages
Adjustable Output Voltage from 0.9 V to 6 V
between 0.9 V and 6 V (with 100% duty cycle mode).
Fixed Output Voltage Versions
Power sequencing is also possible by configuring the
Seamless Power Save Mode Transition
Enable and open-drain Power Good pins.
Typically 17-µA Quiescent Current
In Power Save Mode, the devices draw quiescent
Power Good Output
current of about 17
μA from VIN. Power Save Mode,
100% Duty Cycle Mode
entered automatically and seamlessly if load is small,
Short Circuit Protection
maintains high efficiency over the entire load range.
In Shutdown Mode, the device is turned off and
Over Temperature Protection
shutdown current consumption is less than 2
μA.
Available in a 2 × 2 mm WSON-8 Package
The device is packaged in an 8-pin WSON package
measuring 2 × 2 mm (DSG).
2 Applications
Automotive 12-V Rail Supplies
Device Information(1)
POE Over Coax POL Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Camera, Video Modules
TPS62160-Q1
WSON (8)
2.00 mm × 2.00 mm
LDO Alternative
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62160QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160QDSGTQ1 TI1-TPS62160QDSGTQ1 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62160QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com