Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62151RGTT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62151RGTT
Description  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62151RGTT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62151RGTT Datasheet HTML 1Page - Texas Instruments TPS62151RGTT Datasheet HTML 2Page - Texas Instruments TPS62151RGTT Datasheet HTML 3Page - Texas Instruments TPS62151RGTT Datasheet HTML 4Page - Texas Instruments TPS62151RGTT Datasheet HTML 5Page - Texas Instruments TPS62151RGTT Datasheet HTML 6Page - Texas Instruments TPS62151RGTT Datasheet HTML 7Page - Texas Instruments TPS62151RGTT Datasheet HTML 8Page - Texas Instruments TPS62151RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
www.ti.com
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
Pin voltage(2)
AVIN, PVIN
–0.3
20
V
EN, SS/TR
–0.3
VIN + 0.3
SW
–0.3
VIN + 0.3
DEF, FSW, FB, PG, VOS
–0.3
7
Power-good sink current
PG
10
mA
Temperature
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±500
V
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN NOM
MAX
UNIT
Supply Voltage, VIN (at AVIN and PVIN)
3
17
V
Operating junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS6215x
UNIT
RGT 16 PINS
RθJA
Junction-to-ambient thermal resistance
45
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
53.6
°C/W
RθJB
Junction-to-board thermal resistance
17.4
°C/W
ψJT
Junction-to-top characterization parameter
1.1
°C/W
ψJB
Junction-to-board characterization parameter
17.4
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
4.5
°C/W


Similar Part No. - TPS62151RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62151RGTT TI1-TPS62151RGTT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62151RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com