Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62153RGTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62153RGTR
Description  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62153RGTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62153RGTR Datasheet HTML 2Page - Texas Instruments TPS62153RGTR Datasheet HTML 3Page - Texas Instruments TPS62153RGTR Datasheet HTML 4Page - Texas Instruments TPS62153RGTR Datasheet HTML 5Page - Texas Instruments TPS62153RGTR Datasheet HTML 6Page - Texas Instruments TPS62153RGTR Datasheet HTML 7Page - Texas Instruments TPS62153RGTR Datasheet HTML 8Page - Texas Instruments TPS62153RGTR Datasheet HTML 9Page - Texas Instruments TPS62153RGTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
The device is still functional down to Undervoltage Lockout (see parameter VUVLO).
(2)
Current into AVIN+PVIN pins.
(3)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay (see Current-Limit and Short-
Circuit Protection section).
(4)
This is the accuracy provided at the FB pin for the adjustable VOUT version (line and load regulation effects are not included). For the
fixed voltage versions the (internal) resistive divider is included.
(5)
Line and load regulation depend on external component selection and layout (see Figure 22 and Figure 23).
7.5 Electrical Characteristics
over operating junction temperature (TJ = -40°C to 125°C), typical values at VIN=12 V and TA =25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLY
VIN
Input Voltage Range(1)
3
17
V
IQ
Operating Quiescent Current
EN = High, IOUT = 0 mA,
device not switching
17
30
µA
TA = -40°C to +85°C
17
25
ISD
Shutdown Current(2)
EN = Low
1.5
25
µA
TA = -40°C to +85°C
1.5
4
VUVLO
Undervoltage Lockout Threshold
Falling Input Voltage (PWM mode operation)
2.6
2.7
2.8
V
Hysteresis
200
mV
TSD
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
20
CONTROL (EN, DEF, FSW, SS/TR, PG)
VH
High Level Input Threshold Voltage (EN,
DEF, FSW)
0.9
0.65
V
VL
Low Level Input Threshold Voltage (EN,
DEF, FSW)
0.45
0.3
V
ILKG
Input Leakage Current (EN, DEF, FSW)
EN = VIN or GND; DEF, FSW = VOUT or GND
0.01
1
µA
VTH_PG
Power Good Threshold Voltage
Rising (%VOUT)
92%
95%
98%
Falling (%VOUT)
87%
90%
94%
VOL_PG
Power Good Output Low Voltage
IPG = –2 mA
0.07
0.3
V
ILKG_PG
Input Leakage Current (PG)
VPG = 1.8 V
1
400
nA
ISS/TR
SS/TR Pin Source Current
2.3
2.5
2.7
µA
POWER SWITCH
rDS(on)
High-Side MOSFET ON-Resistance
VIN ≥ 6 V
90
170
VIN = 3 V
120
Low-Side MOSFET ON-Resistance
VIN ≥ 6 V
40
70
VIN = 3 V
50
ILIMF
High-Side MOSFET Forward Current
Limit(3)
VIN = 12 V, TA = 25°C
1.4
1.7
2.2
A
OUTPUT
ILKG_FB
Input Leakage Current (FB)
TPS62150, VFB = 0.8 V
1
100
nA
VOUT
Output Voltage Range (TPS62150)
VIN ≥ VOUT
0.9
6.0
V
DEF (Output Voltage Programming)
DEF = 0 (GND)
VOUT
DEF = 1 (VOUT)
VOUT + 5%
Initial Output Voltage Accuracy(4)
PWM mode operation, VIN ≥ VOUT + 1 V
785.6
800
814.4
mV
PWM mode operation, VIN ≥ VOUT + 1 V,
TA = –10°C to 85°C
788.0
800
812.8
Power Save Mode operation, COUT = 22 µF
781.6
800
822.4
Load Regulation(5)
VIN = 12 V, VOUT = 3.3 V, PWM mode
operation
0.05
%/A
Line Regulation(5)
3 V
≤ VIN ≤ 17 V, VOUT = 3.3 V, IOUT = 1 A,
PWM mode operation
0.02
%/V


Similar Part No. - TPS62153RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62153RGTR TI1-TPS62153RGTR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62153RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com