Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62182 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62182
Description  4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62182 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62182 Datasheet HTML 1Page - Texas Instruments TPS62182 Datasheet HTML 2Page - Texas Instruments TPS62182 Datasheet HTML 3Page - Texas Instruments TPS62182 Datasheet HTML 4Page - Texas Instruments TPS62182 Datasheet HTML 5Page - Texas Instruments TPS62182 Datasheet HTML 6Page - Texas Instruments TPS62182 Datasheet HTML 7Page - Texas Instruments TPS62182 Datasheet HTML 8Page - Texas Instruments TPS62182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS62180, TPS62182
SLVSBB8A – AUGUST 2014 – REVISED AUGUST 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
(1)
Over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN1, VIN2
–0.3
17
V
EN, PG, SW1, SW2
–0.3
VIN + 0.3
V
Pin voltage range(2)
VIN + 0.3, but
SS/TR
–0.3
V
≤ 7
FB, VO
–0.3
7
V
Power good sink
PG
10
mA
current
Operating junction
TJ
–40
150
°C
temperature range
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground pin.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human Body Model (HBM) ESD stress voltage(2)
–1
1
VESD
(1)
kV
Charge device model (CDM) ESD stress voltage
–0.5
0.5
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
Over operating junction temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply voltage range, VIN
4
15
V
Output voltage range, VOUT
0.9
6
V
0.9V
≤ VOUT ≤ 3.3V
6
Maximum Output current,
A
IOUT(max)
3.3V < VOUT
6
Operating junction temperature, TJ
–40
125
°C
8.4 Thermal Information
TPS6218x
THERMAL METRIC(1)
UNIT
YZF (24 PINS)
RθJA
Junction-to-ambient thermal resistance
61.5
RθJCtop
Junction-to-case (top) thermal resistance
0.3
R
θJB
Junction-to-board thermal resistance
10.1
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
10.1
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62180 TPS62182


Similar Part No. - TPS62182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS62184 TI1-TPS62184 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184YZFR TI1-TPS62184YZFR Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184YZFT TI1-TPS62184YZFT Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
More results

Similar Description - TPS62182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com