Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS622313DRYR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS622313DRYR
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS622313DRYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS622313DRYR Datasheet HTML 3Page - Texas Instruments TPS622313DRYR Datasheet HTML 4Page - Texas Instruments TPS622313DRYR Datasheet HTML 5Page - Texas Instruments TPS622313DRYR Datasheet HTML 6Page - Texas Instruments TPS622313DRYR Datasheet HTML 7Page - Texas Instruments TPS622313DRYR Datasheet HTML 8Page - Texas Instruments TPS622313DRYR Datasheet HTML 9Page - Texas Instruments TPS622313DRYR Datasheet HTML 10Page - Texas Instruments TPS622313DRYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
www.ti.com
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA(max) = TJ(max) – (RθJA × PD(max)).
(2)
The minimum required supply voltage for startup is 2.05 V. The part is functional down to the falling under voltage lockout (UVL)
threshold.
(3)
VIN = VO + 1.0 V
(4)
The internal resistor divider network is disconnected from FB pin.
7.5 Electrical Characteristics
VIN = 3.6 V, VOUT = 1.8 V, EN = VIN, MODE = GND, TJ = –40°C to 125°C typical values are at TJ = 25°C (unless otherwise
noted), CIN = 2.2 μF, L = 2.2 μH, COUT = 4.7 μF.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage(2)
2.05
6
V
IQ
Operating quiescent current
PFM operation (MODE = GND), IOUT = 0 mA,
device not switching, TJ = –40°C to 85°C
22
40
μA
PFM operation (MODE = GND), IOUT = 0 mA,
device switching, VOUT = 1.2 V
25
μA
PWM operation (MODE = VIN), IOUT = 0 mA, device
switching
3
mA
ISD
Shutdown current
EN = GND, TJ = –40°C to 85°C
0.1
1
μA
VUVLO
Undervoltage lockout threshold
Falling
1.8
1.9
V
Rising
1.9
2.05
V
ENABLE, MODE THRESHOLD
VIH TH
Threshold for detecting high EN, MODE
2.05 V
≤ VIN ≤ 6 V , rising edge
0.8
1
V
VIL TH HYS
Threshold for detecting low EN, MODE
2.05 V
≤ VIN ≤ 6 V , falling edge, TJ = –40°C to
85°C
0.4
0.6
V
Rpd
Pull-down resistor EN, MODE
TPS622319
1
IIN
Input bias current, EN, MODE
EN, MODE = GND or VIN, TJ = –40°C to 85°C,
except TPS622319
0.01
0.5
μA
POWER SWITCH
RDS(ON)
High side MOSFET ON-resistance
VIN = 3.6 V, TJ = –40°C to 85°C
600
850
m
Low Side MOSFET ON-resistance
350
480
ILIMF
Forward current limit MOSFET high-
side
VIN = 3.6 V, open-loop
690
850
1050
mA
Forward current limit MOSFET low-side
550
840
1220
mA
TJSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
CONTROLLER
tONmin
Minimum ON-time
MODE = VIN, IOUT = 0 mA
135
ns
tOFFmin
Minimum OFF-time
40
ns
OUTPUT
VREF
Internal reference voltage
0.7
V
VOUT
Output voltage accuracy(3)
MODE = GND, IOUT = 0 mA
0%
MODE = VIN, IOUT = 0 mA
TJ = 25°C
–2%
2%
TJ = –40°C to 125°C –2.5%
2.5%
DC output voltage load regulation
MODE = VIN
0.001
%/mA
DC output voltage line regulation
MODE = VIN, IOUT = 0 mA, 2.05 V ≤ VIN ≤ 6 V
0
%/V
tStart
Start-up time
Time from active EN to VOUT = 1.8 V, 10-Ω load
100
μs
ILK_SW
Leakage current into SW pin
VIN = VOUT = VSW = 3.6 V, EN = GND
(4) , T
J =
–40°C to 85°C
0.1
0.5
μA


Similar Part No. - TPS622313DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS622313 TI-TPS622313 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS622313 TI1-TPS622313 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS622313DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com