Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62260TDRVRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260TDRVRQ1
Description  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62260TDRVRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62260TDRVRQ1 Datasheet HTML 1Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 2Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS62260TDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
OUTPUT
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VOLTAGE
–40°C to 85°C
Adjustable
TPS62260IDRVRQ1
OEO
1.8 V
TPS62261TDRVRQ1
OFE
–40°C to 105°C
1.2 V
SON – DRV
Reel of 3000
TPS62262TDRVRQ1
OFF
2.5 V
TPS62263TDRVRQ1
OFG
–40°C to 105°C
Adjustable
TPS62260TDRVRQ1
OEO
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
Input voltage range(2)
–0.3 V to 7 V
Voltage range at EN, MODE
–0.3 V to VIN +0.3 V, ≤ 7 V
Voltage on SW
–0.3 V to 7 V
Peak output current
Internally limited
HBM, Human-body model
2000 V
ESD rating(3)
CDM, Charged-device model
1000 V
MM, Machine model
200 V
TJ
Operating junction temperature
–40°C to 125°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
DISSIPATION RATINGS
PACKAGE
RθJA
POWER RATING FOR TA ≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRV
76°C/W
1300 mW
13 mW/°C
RECOMMENDED OPERATING CONDITIONS
MIN NOM
MAX
UNIT
VIN
Supply voltage
2
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
TPS62260IDRVRQ1
–40
85
°C
TPS6226XTDRVRQ1
-40
105
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Similar Part No. - TPS62260TDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260TDRVRQ1 TI1-TPS62260TDRVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Similar Description - TPS62260TDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com