Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVEB2C100Q Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVEB2C100Q
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVEB2C100Q Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVEB2C100Q Datasheet HTML 1Page - Panasonic Semiconductor EEVEB2C100Q Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure Relief
Capacitance (µF)
Rated voltage code
Series identification
Lot number
Negative polarity
marking (–)
10
EB
2C
Frequency correction factor for ripple current
Endurance : 105 °C 3000 h to 5000 h
RoHS compliant
Features
Specifications
Surface Mount Type
Series :
EB (Large Can Size) Type : V
Example : 160 V.DC 10 µF
Marking color : BLACK
Dimensions
Marking
Category temperature range
–25 °C to +105 °C
Rated voltage range
160 V.DC to 450 V.DC
Capacitance range
2.2 µF to 100 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.06 CV +10 (µA) After 2 minutes
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
160
200
250
350
400
450
(Impedance ratio at 120 Hz)
Z(–25 °C) / Z(+20 °C)
223566
Endurance
After the life test with DC rated working voltage at +105 °C±2 °C for 5000 hours, the capacitors
shall meet the limits specified below. (Size code G13 : 3000 hours, G17 : 4000 hours)
Capacitance change Within ±20 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current
Within the initial limit
Frequency (Hz)
Rated Voltage (V.DC)
120
1 k
10 k
< f < 30 k
30 k
< f < 100 k
160
to
250
0.55
0.85
0.90
1.00
350
to
450
0.50
0.80
0.90
1.00
Size
code
0D
LA,B
H
I
W
P
K
G13
10.0 13.5±0.5 10.3 12.0 max. 3.5 0.9±0.2 4.6 0.70±0.20
G17
10.0 16.5±0.5 10.3 12.0 max. 3.5 0.9±0.2 4.6 0.70±0.20
H16
12.5 16.5±0.5 13.5 15.0 max. 4.7 0.9±0.2 4.4 0.70±0.30
J16
16.0 16.5±0.5
17.0 19.0 max. 5.5 1.2±0.3 6.7 0.70±0.30
J21
16.0 21.5±0.5
17.0 19.0 max. 5.5 1.2±0.3 6.7 0.70±0.30
K16
18.0 16.5±0.5 19.0 21.0 max. 6.7 1.2±0.3 6.7 0.70±0.30
K21
18.0 21.5±0.5 19.0 21.0 max. 6.7 1.2±0.3 6.7 0.70±0.30
R. Voltage
(V.DC)
160
200
250
350
400
450
Code
2C
2D
2E
2V
2G
2W
(Unit : mm)
Mar. 2016
02


Similar Part No. - EEVEB2C100Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
More results

Similar Description - EEVEB2C100Q

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com