Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62234DRYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62234DRYR
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62234DRYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62234DRYR Datasheet HTML 6Page - Texas Instruments TPS62234DRYR Datasheet HTML 7Page - Texas Instruments TPS62234DRYR Datasheet HTML 8Page - Texas Instruments TPS62234DRYR Datasheet HTML 9Page - Texas Instruments TPS62234DRYR Datasheet HTML 10Page - Texas Instruments TPS62234DRYR Datasheet HTML 11Page - Texas Instruments TPS62234DRYR Datasheet HTML 12Page - Texas Instruments TPS62234DRYR Datasheet HTML 13Page - Texas Instruments TPS62234DRYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
SW
Softstart
Bandgap
Undervoltage
Lockout
Limit
High Side
Limit
Low Side
FB
EN
MODE
VIN
GND
Min. On Time
Min. OFF Time
VIN
EN
Integrated
Feed Back
Network
VREF
FB
Error
Comparator
Zero/Negative
Current Limit Comparator
Control
Logic
PMOS
NMOS
MODE
Thermal
Shutdown
VREF
0.70 V
Copyright © 2016, Texas Instruments Incorporated
10
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Undervoltage Lockout
The undervoltage lockout circuit prevents the device from misoperation at low input voltages. It prevents the
converter from turning on the switch or rectifier MOSFET under undefined conditions. The TPS6223x devices
have a UVLO threshold set to 1.8 V (typical). Fully functional operation is permitted for input voltage down to the
falling UVLO threshold level. The converter starts operation again once the input voltage trips the rising UVLO
threshold level.
8.3.2 Enable and Shutdown
The device starts operation when EN is set high and starts up with the soft-start as previously described. For
proper operation, the EN pin must be terminated and must not be left floating, except for the TPS622319, which
has an integrated 1MΩ always active pull-down resistor.
Pulling the EN pin low forces the device into shutdown, with a shutdown quiescent current of typically 0.1 μA. In
this mode, the P- and N-channel MOSFETs are turned off, the internal resistor feedback divider is disconnected,
and the entire internal-control circuitry is switched off.
The EN input can be used to control power sequencing in a system with various DC – DC converters. The EN
pin can be connected to the output of another converter, to drive the EN pin high and getting a sequencing of
supply rails.
8.3.3 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 150°C (typical) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned off. The device continues its operation when the junction
temperature falls below the thermal shutdown hysteresis.


Similar Part No. - TPS62234DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62234DRYR TI-TPS62234DRYR Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62234DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com