Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62400QDRCRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62400QDRCRQ1
Description  2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62400QDRCRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62400QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS62400QDRCRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TPS62400-Q1, TPS62402-Q1, TPS62404-Q1, TPS62405-Q1
www.ti.com
SLVSA67E – FEBRUARY 2010 – REVISED JUNE 2015
7.5 Electrical Characteristics
VIN = 3.6 V, VOUT1 = VOUT2 = 1.8 V, EN1 = EN2 = VIN, MODE = GND, L1 = L2 = 2.2 μH, COUT1 = COUT2 = 20 μF, TJ = –40°C to
125°C, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.5
6
V
One converter, no load on the output. PFM mode
enabled (MODE/DATA = GND) device not switching,
19
29
EN1 = 1 or EN2 = 1
Two converters, no load on the output. PFM mode
μA
enabled (MODE/DATA = GND) device not switching,
32
48
IQ
Operating quiescent current
EN1 = EN2 = 1
No load on the output, MODE/DATA = GND, for one
23
converter, VOUTx = 1.575 V
(1)
No load on the output, MODE/DATA = VIN, for one
3.6
mA
converter, VOUTx = 1.575 V
(1)
EN1, EN2 = GND, VIN = 3.6 V
(2)
1.2
3
ISD
Shutdown current
μA
EN1, EN2 = GND, VIN ramped from 0 V to 3.6 V
(3)
0.1
1
Falling
1.5
2.35
VUVLO
Undervoltage lockout threshold
V
Rising
2.4
ENABLE EN1, EN2
VIH
High-level input voltage range, EN1, EN2
1.2
VIN
V
VIL
Low-level input voltage range, EN1, EN2
0
0.4
V
IIN
Input bias current, EN1, EN2
EN1, EN2 = GND or VIN
0.05
1
μA
DEF_1 INPUT
VDEF_1H
DEF_1 high-level digital input voltage range
0.9
VIN
V
TPS62402-Q1, TPS62404-Q1, TPS62405-Q1 only
VDEF_1L
DEF_1 low-level digital input voltage range
0
0.4
V
IIN
Input bias current DEF_1
DEF_1 = GND or VIN
0.01
1
μA
MODE/DATA
VIH
High-level input voltage range, MODE/DATA
1.2
VIN
V
VIL
Low-level input voltage range, MODE/DATA
0
0.4
V
IIN
Input bias current, MODE/DATA
MODE/DATA = GND or VIN
0.01
1
μA
VOH
Acknowledge output voltage high
Open drain, through external pullup resistor
VIN
V
VOL
Acknowledge output voltage low
Open drain, sink current 500
μA
0
0.4
V
POWER SWITCH
P-channel MOSFET on-resistance, converter
rDS(on)
VIN = VGS = 3.6 V
280
620
m
1,2
ILK_PMOS
P-channel leakage current
VDS = 6 V
1
μA
N-channel MOSFET on-resistance converter
rDS(on)
VIN = VGS = 3.6 V
200
450
m
1,2
Includes N-channel leakage current,
ILK_SW1/SW2 Leakage current into SW1 or SW2 pin
6
7.5
μA
VIN = open, VSW = 6 V, EN = GND
(4)
VOUT1
0.68
0.8
0.92
Forward current limit
ILIMF
2.5 V
≤ VIN ≤ 6 V
A
PMOS and NMOS
VOUT2
0.85
1
1.15
TSD
Thermal shutdown
Increasing junction temperature
150
ºC
Thermal shutdown hysteresis
Decreasing junction temperature
20
ºC
OUTPUT
Adjustable output 1 or output 2 voltage
VOUTx
0.6
VIN
V
range
Vref
Reference voltage
600
mV
(1)
Device is switching with no load on the output, L1 = L2 = 3.3
μH, value includes losses of the coil.
(2)
These values are valid after enabling the device one time (EN1 or EN2 = high) and maintaining supply voltage VIN.
(3)
These values are valid when the device is disabled (EN1 and EN2 low) and supply voltage VIN is powered up. The values remain valid
until enabling the device the first time (EN1 or EN2 = high). After the first enable, Note 3 becomes valid.
(4)
An internal resistor of 1 M
Ω connects pins SW1 and SW2 to GND.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62400-Q1 TPS62402-Q1 TPS62404-Q1 TPS62405-Q1


Similar Part No. - TPS62400QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400QDRCQ1 TI1-TPS62400QDRCQ1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
More results

Similar Description - TPS62400QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com