Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62402QDRCRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62402QDRCRQ1
Description  2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62402QDRCRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62402QDRCRQ1 Datasheet HTML 1Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS62402QDRCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TPS62400-Q1, TPS62402-Q1, TPS62404-Q1, TPS62405-Q1
SLVSA67E – FEBRUARY 2010 – REVISED JUNE 2015
www.ti.com
5 Device Comparison Table
PART NUMBER
DEFAULT OUTPUT VOLTAGE(1)
OUTPUT CURRENT
VOUT1
IOUT1
400 mA
TPS62400-Q1
Adjustable
VOUT2
IOUT2
600 mA
DEF_1 = High 1.8 V
VOUT1
Fixed default
IOUT1
400 mA
TPS62402-Q1
DEF_1 = Low 1.2 V
VOUT2
Fixed default 3.3 V
IOUT2
600 mA
DEF_1 = High 1.9 V
VOUT1
Fixed default
IOUT1
400 mA
TPS62404-Q1
DEF_1 = Low 1.575 V
VOUT2
Fixed default 3.3 V
IOUT2
600 mA
DEF_1 = High 1.925 V
VOUT1
Fixed default
IOUT1
400 mA
TPS62405-Q1
DEF_1 = Low 1.215 V
VOUT2
Fixed default 3.35 V
IOUT2
600 mA
(1)
Contact TI for other fixed-output-voltage options.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS62400-Q1 TPS62402-Q1 TPS62404-Q1 TPS62405-Q1


Similar Part No. - TPS62402QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62402QDRCQ1 TI1-TPS62402QDRCQ1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
More results

Similar Description - TPS62402QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com