Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST30-48-15S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ST30-48-15S
Description  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST30-48-15S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ST30-48-15S Datasheet HTML 1Page - Arch Electronics Corp. ST30-48-15S Datasheet HTML 2Page - Arch Electronics Corp. ST30-48-15S Datasheet HTML 3Page - Arch Electronics Corp. ST30-48-15S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : B_1
update : 2016.09.02
Encapsulated DC-DC Converter
ST30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
ST30-24-2.5S
ST30-24-3.3S
ST30-24-5S
ST30-24-12S
ST30-24-15S
ST30-24-24S
Max. Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
2.5V / 6000mA
3.3V / 6000mA
5V / 6000mA
12V / 2500mA
15V / 2000mA
24V / 1250mA
Efficiency
84%
87%
90%
88%
88%
88%
Capacitor Load (max)
6800uF
6800uF
4700uF
680uF
680uF
120uF
Model No. ( Single Output )
ST30-48-2.5S
ST30-48-3.3S
ST30-48-5S
ST30-48-12S
ST30-48-15S
ST30-48-24S
Max. Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
2.5V / 6000mA
3.3V / 6000mA
5V / 6000mA
12V / 2500mA
15V / 2000mA
24V / 1250mA
Efficiency
85%
88%
90%
88%
88%
88%
Capacitor Load (max)
6800uF
6800uF
4700uF
680uF
680uF
120uF
Model No. ( Single Output )
ST30-24-2.5S
ST30-48-2.5S
ST30-24-3.3S
ST30-48-3.3S
ST30-24-5S
ST30-48-5S
ST30-24-12S
ST30-48-12S
ST30-24-15S
ST30-48-15S
ST30-24-24S
ST30-48-24S
Max Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input
Input Filter
 type
Voltage (V.DC.)
2.5
3.3
5
12
15
24
Trim Voltage Range
10%
Voltage Accuracy
2%
Current (mA) max
6000
6000
6000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Ripple
2.5S~5S:50mV
/
other:
<0.2% Vout +40mV max (Vp-p)
Noise
2.5S~5S100mV
/
other:
<0.5% Vout +50mV max (Vp-p)
Minimum Load
0%
0%
0%
1%
1%
0.5%
Output
Switching Frequency
400KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-40°C…+85°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+105°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.0 x 0.433 Inches ( 50.8 x 25.4 x 11.0 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
33 g
Physical
Cooling Method
Free-air convection
KEY FEATURES
 Power Module for PCB Mountable
 Smaller Size (2”x1”) with High Efficiency
 2:1 Input Range
 Regulated Output
 Low Ripple and Noise
 Screw Terminal For Optional
 Operating Temperature: -40°C…+85°C (with derating)
 Remote ON/OFF Control
 Standard 2” x 1” Package and Pinout
 3-Years Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - ST30-48-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST30-48-15S ARCH-ST30-48-15S Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
More results

Similar Description - ST30-48-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com