Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62410DRCTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62410DRCTG4
Description  2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62410DRCTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62410DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 11Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 12Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 13Page - Texas Instruments TPS62410DRCTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
V
OUT_NOM
+1%
PWMMode
medium/heavyload
PFMMode
lightload
Smooth
increasedload
PWMMode
medium/heavyload
PFMMode
lightload
Fastloadtransient
PWMMode
medium/heavyload
COMP_LOWthreshold –1%
TPS62410
SLVS737A – FEBRUARY 2007 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
Figure 6. Dynamic Voltage Positioning
7.3.2 Undervoltage Lockout
The undervoltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery and disables the converters. The undervoltage lockout threshold is typically
1.5 V, maximum is 2.35 V. In case the default register values are overwritten by the Interface, the new values in
the registers REG_DEF_1_Low and REG_DEF_2 remain valid as long the supply voltage does not fall under the
undervoltage lockout threshold, independent of whether the converters are disabled.
7.3.3 Mode Selection
The MODE/DATA pin allows mode selection between forced PWM mode and power-save mode for both
converters. Furthermore, this pin is a multi-purpose pin and provides (besides mode selection) a one-pin
interface to receive serial data from a host to set the output voltage. This is described in the section EasyScale™
interface.
Connecting this pin to GND enables the automatic PWM and power-save mode operation. The converters
operate in fixed-frequency PWM mode at moderate to heavy loads and in the PFM mode during light loads,
maintaining high efficiency over a wide load current range.
Pulling the MODE/DATA pin high forces both converters to operate constantly in the PWM mode even at light
load currents. The advantage is the converters operate with a fixed frequency that allows simple filtering of the
switching frequency for noise-sensitive applications. In this mode, the efficiency is lower compared to the power-
save mode during light loads. For additional flexibility it is possible to switch from power-save mode to forced
PWM mode during operation. This allows efficient power management by adjusting the operation of the converter
to the specific system requirements.
In case the operation mode will be changed from forced PWM mode (MODE/DATA = High) to power-save mode
enable (MODE/DATA = 0) the power-save mode will be enabled after a delay time of typically ttimeout, which is a
maximum of 520
μs.
The forced PWM mode operation is enabled immediately with pin MODE/DATA set to 1.
7.3.4 Enable
The device has for each converter a separate EN pin to start up each converter independently. If EN1 and EN2
are set to high, the corresponding converter starts up with soft-start.
Pulling EN1 and EN2 pin low forces the device into shutdown, with a shutdown quiescent current of typically 1.2
μA. In this mode, the P- and N-channel MOSFETs are turned off and the entire internal control circuitry is
switched off. For proper operation, the EN1 and EN2 pins must be terminated and must not be left floating.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS62410


Similar Part No. - TPS62410DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62410DRCT TI-TPS62410DRCT Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62410DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62410 TI-TPS62410_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS62410 2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com