Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62660 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62660
Description  1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62660 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62660_16 Datasheet HTML 1Page - Texas Instruments TPS62660_16 Datasheet HTML 2Page - Texas Instruments TPS62660_16 Datasheet HTML 3Page - Texas Instruments TPS62660_16 Datasheet HTML 4Page - Texas Instruments TPS62660_16 Datasheet HTML 5Page - Texas Instruments TPS62660_16 Datasheet HTML 6Page - Texas Instruments TPS62660_16 Datasheet HTML 7Page - Texas Instruments TPS62660_16 Datasheet HTML 8Page - Texas Instruments TPS62660_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TPS62660, TPS62665
www.ti.com
SLVS871D – FEBRUARY 2010 – REVISED JUNE 2016
Product Folder Links: TPS62660 TPS62665
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Minimum and maximum values are at VI = 2.3 V to 5.5 V, VO = 1.8 V, EN = 1.8 V, AUTO mode and TA = –40°C to 85°C;
circuit in the Parameter Measurement Information (unless otherwise noted). Typical values are at VI = 3.6 V, VO = 1.8 V, EN =
1.8 V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
rDS(on)
N-channel MOSFET ON-
resistance
TPS6266x
VI = V(GS) = 3.6 V, PWM mode
140
m
VI = V(GS) = 2.5 V, PWM mode
200
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5 V, –40°C ≤ TJ ≤ 85°C
2
μA
rDIS
Discharge resistor for
power-down sequence
TPS62665
15
50
P-MOS current limit
2.3 V
≤ VI ≤ 4.8 V, open loop
1400
1500
1750
mA
Input current limit under short-circuit
conditions
VO shorted to ground
19
mA
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
OSCILLATOR
fSW
Oscillator frequency
TPS6266x
IO = 0 mA, PWM mode
5.4
6
6.6
MHz
OUTPUT
V(OUT)
Regulated DC output
voltage
TPS6266x
2.3 V
≤ VI ≤ 2.7 V, 0 mA ≤ IO ≤ 600 mA
2.7 V
≤ VI ≤ 3 V, 0 mA ≤ IO ≤ 800 mA
3 V
≤ VI ≤ 4.8 V, 0 mA ≤ IO ≤ 1000 mA
PFM/PWM operation
0.98 × VNOM
VNOM 1.03 × VNOM
V
3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO ≤ 1000 mA
PFM/PWM operation
0.98 × VNOM
VNOM 1.04 × VNOM
2.3 V
≤ VI ≤ 2.7 V, 0 mA ≤ IO ≤ 600 mA
2.7 V
≤ VI ≤ 3 V, 0 mA ≤ IO ≤ 800 mA
3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO ≤ 1000 mA
PWM operation
0.98 × VNOM
VNOM 1.02 × VNOM
Line regulation
VI = VO + 0.5 V (min 2.3 V) to 5.5 V, IO = 200 mA
0.13
%/V
Load regulation
VI = 3.6 V, IO = 0 mA to 1000 mA
–0.00025
%/mA
Feedback input resistance
480
k
ΔVO
Power-save mode ripple
voltage
TPS62660
IO = 1 mA
20
mVPP
TPS62661
IO = 1 mA
L = 1 μH (muRata LQM2MPN1R0NG0)
CO = 10 μF, 4 V 0402 (muRata GRM155R60G106M)
9
TPS62665
IO = 1 mA
24
Start-up time
TPS62660
IO = 0 mA, time from active EN to VO
120
μs
TPS62661
RL = 2 Ω, time from active EN to VO
55
(1)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max)-TA] / RθJA.
(2)
This thermal data is measured with high-K board (4-layer board according to JESD51-7 JEDEC standard).
6.6 Dissipation Ratings
(1)
PACKAGE
RθJA
(2)
RθJB
(2)
POWER RATING
TA ≤ 25°C
DERATING FACTOR
ABOVE TA = 25°C
YFF-6
125°C/W
53°C/W
800 mW
8 mW/°C
6.7 Typical Characteristics
Table 1. Table of Graphs
FIGURE
η
Efficiency
vs load current
Figure 1, Figure 2,
Figure 3, Figure 4
vs input voltage
Figure 5
Peak-to-peak output ripple current
vs load current
Figure 6, Figure 7


Similar Part No. - TPS62660_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62660_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com