Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62684 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62684
Description  1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62684 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62684 Datasheet HTML 1Page - Texas Instruments TPS62684 Datasheet HTML 2Page - Texas Instruments TPS62684 Datasheet HTML 3Page - Texas Instruments TPS62684 Datasheet HTML 4Page - Texas Instruments TPS62684 Datasheet HTML 5Page - Texas Instruments TPS62684 Datasheet HTML 6Page - Texas Instruments TPS62684 Datasheet HTML 7Page - Texas Instruments TPS62684 Datasheet HTML 8Page - Texas Instruments TPS62684 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
GND
A1
B1
C1
A2
B2
C2
FB
SW
AVIN
VIN
EN
TPS62684
YFF-6
(TOP VIEW)
AVIN
C1
A2
B2
C2
A1
B1
VIN
EN
GND
FB
SW
TPS62684
YFF-6
(BOTTOM VIEW)
TPS62684
www.ti.com
SLVSAC5 – APRIL 2014
5 Device Comparison Table
PART
DEVICE SPECIFIC
PACKAGE MARKING
OUTPUT VOLTAGE
NUMBER
FEATURE
CHIP CODE
PWM Spread Spectrum
Modulation
TPS62684
2.85V
D1
Forced PWM
Active Output Discharge
6 Terminal Configuration and Functions
6-Terminal YFF
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
FB
C1
I
Output feedback sense input. Connect FB to the converter’s output.
Power supply input. Make sure the decoupling capacitor is connected as close as possible
VIN
A2
I
between terminal VIN (A2) and GND (C2).
AVIN
A1
I
Bias supply input voltage pin. This pin must be connected to VIN (A2).
This is the switch pin of the converter and is connected to the drain of the internal Power
SW
B1
I/O
MOSFETs.
This is the enable pin of the device. Connecting this pin low forces the device into shutdown
mode. Pulling this pin high enables the device. This pin must not be left floating and must be
EN
B2
I
terminated. When EN is pulled low, the output capacitor is actively discharged by internal
circuitry.
GND
C2
-
Ground pin
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62684


Similar Part No. - TPS62684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62684 TI-TPS62684 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
More results

Similar Description - TPS62684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com