Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60243DGKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60243DGKT
Description  TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60243DGKT Datasheet(HTML) 2 Page - Texas Instruments

  TPS60243DGKT Datasheet HTML 1Page - Texas Instruments TPS60243DGKT Datasheet HTML 2Page - Texas Instruments TPS60243DGKT Datasheet HTML 3Page - Texas Instruments TPS60243DGKT Datasheet HTML 4Page - Texas Instruments TPS60243DGKT Datasheet HTML 5Page - Texas Instruments TPS60243DGKT Datasheet HTML 6Page - Texas Instruments TPS60243DGKT Datasheet HTML 7Page - Texas Instruments TPS60243DGKT Datasheet HTML 8Page - Texas Instruments TPS60243DGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS60240, TPS60241, TPS60242, TPS60243
SLVS372C – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes.......................................... 8
1
Features .................................................................. 1
8
Application and Implementation .......................... 9
2
Applications ........................................................... 1
8.1
Application Information.............................................. 9
3
Description ............................................................. 1
8.2
Typical Applications .................................................. 9
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 16
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 16
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 16
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 16
6.2
ESD Ratings ............................................................ 4
11
Device and Documentation Support ................. 17
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 17
6.4
Thermal Information .................................................. 4
11.2
Related Links ........................................................ 17
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 17
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 17
7
Detailed Description .............................................. 7
11.5
Electrostatic Discharge Caution ............................ 17
7.1
Overview ................................................................... 7
11.6
Glossary ................................................................ 17
7.2
Functional Block Diagram ......................................... 7
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 8
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (January 2002) to Revision C
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
C1509178 - Changed the max values for quiescent current and switching frequency. Change From:* 325 µA / 220
kHz; Change To:* 400 µA / 300 kHz ..................................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS60240 TPS60241 TPS60242 TPS60243


Similar Part No. - TPS60243DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60243DGKT TI-TPS60243DGKT Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
More results

Similar Description - TPS60243DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com