Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60401-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401-Q1
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60401-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS60401-Q1 Datasheet HTML 7Page - Texas Instruments TPS60401-Q1 Datasheet HTML 8Page - Texas Instruments TPS60401-Q1 Datasheet HTML 9Page - Texas Instruments TPS60401-Q1 Datasheet HTML 10Page - Texas Instruments TPS60401-Q1 Datasheet HTML 11Page - Texas Instruments TPS60401-Q1 Datasheet HTML 12Page - Texas Instruments TPS60401-Q1 Datasheet HTML 13Page - Texas Instruments TPS60401-Q1 Datasheet HTML 14Page - Texas Instruments TPS60401-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS60400Q1, TPS60401Q1, TPS60402Q1, TPS60403Q1
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SGLS246A − JUNE 2004 − REVISED JUNE 2008
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
−6
−5
−4
−3
−2
−1
0
0
10
20304050
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60400
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
Figure 13
−6
−5
−4
−3
−2
−1
0
0
10
2030405060
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60401
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
Figure 14
−6
−5
−4
−3
−2
−1
0
0
10
20304050
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60402
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
Figure 15
−6
−5
−4
−3
−2
−1
0
0
10
2030405060
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60403
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C


Similar Part No. - TPS60401-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60401 TI-TPS60401 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401 TI-TPS60401 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
TPS60401DBV TI-TPS60401DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVR TI1-TPS60401DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVRG4 TI1-TPS60401DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60401-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com