Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62623YFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62623YFFR
Description  600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62623YFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62623YFFR Datasheet HTML 6Page - Texas Instruments TPS62623YFFR Datasheet HTML 7Page - Texas Instruments TPS62623YFFR Datasheet HTML 8Page - Texas Instruments TPS62623YFFR Datasheet HTML 9Page - Texas Instruments TPS62623YFFR Datasheet HTML 10Page - Texas Instruments TPS62623YFFR Datasheet HTML 11Page - Texas Instruments TPS62623YFFR Datasheet HTML 12Page - Texas Instruments TPS62623YFFR Datasheet HTML 13Page - Texas Instruments TPS62623YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
VIN
SW
FB
MODE
EN
GND
L
V
I
C
I
TPS6262x
C
O
V
O
TPS62620, TPS62621, TPS62622
TPS62623, TPS62624, TPS62625
SLVS848D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS6262x device family provides high-frequency synchronous step-down DC/DC converters optimized for
battery-powered portable applications. Intended for low-power applications, the TPS6262x devices support up to
600 mA load current, and allow the use of low cost chip inductor and capacitors.
9.2 Typical Application
Figure 5. TPS6262x Typical Application Schematic
9.2.1 Design Requirements
The design guideline provides a component selection to operate the device within the recommended operating
conditions.
Table 1 shows the list of components for the Application Curves.
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
L
1
μH
MURATA LQM21PN1R0NGR
CIN
2.2
μF, 6.3V, 0402, X5R
MURATA GRM155R60J225ME15
COUT
4.7
μF, 6.3V, 0402, X5R
MURATA GRM155R60J475M
9.2.2 Detailed Design Procedure
9.2.2.1 Inductor Selection
The TPS6262x device family of step-down converters have been optimized to operate with an effective
inductance value in the range of 0.3
μH to 1.3 μH and with output capacitors in the range of 4.7 μF to 10 μF. The
internal compensation is optimized to operate with an output filter of L = 0.47
μH and COUT = 4.7 μF. Larger or
smaller inductor values can be used to optimize the performance of the device for specific operation conditions.
For more details, see section Checking Loop Stability.
The inductor value affects its peak-to-peak ripple current, the PWM-to-PFM transition point, the output voltage
ripple and the efficiency. The selected inductor has to be rated for its DC resistance and saturation current. The
inductor ripple current (
ΔIL) decreases with higher inductance and increases with higher VIN or VOUT.
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated


Similar Part No. - TPS62623YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62623YFFR TI-TPS62623YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62623YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com