Electronic Components Datasheet Search |
|
TPS62692 Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS62692 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 31 page TPS62692, TPS62693 TPS62694, TPS62698 SLVSAZ1 – DECEMBER 2012 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION(1) PACKAGE PART OUTPUT DEVICE TA ORDERING(3) MARKING NUMBER VOLTAGE(2) SPECIFIC FEATURE CHIP CODE 800 mA peak output current Output Discharge -40°C to 85°C TPS62692 2.2(4) TPS62692YFD TW Spread Spectrum Frequency Modulation 800 mA peak output current Output Discharge -40°C to 85°C TPS62693 2.85 TPS62693YFD UD Spread Spectrum Frequency Modulation 800 mA peak output current Output Discharge -40°C to 85°C TPS62694 2.95(4) TPS62694YFD B6 Spread Spectrum Frequency Modulation 800 mA peak output current -40°C to 85°C TPS62698 3.0 TPS62698YFD B7 Output Discharge (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Internal tap points are available to facilitate output voltages in 25mV increments. (3) The YFD package is available in tape and reel. Add a R suffix (e.g. TPS62692YFDR) to order quantities of 3000 parts. Add a T suffix (e.g. TPS62692YFDT) to order quantities of 250 parts. (4) Product preview. Contact TI factory for more information. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Voltage at VIN(2)(3), SW(3) –0.3 6 V Input Voltage Voltage at FB(4) –0.3 3.6 V Voltage at EN, MODE (3) –0.3 VI + 0.3 V Peak output current, IO 800(4) mA Power dissipation Internally limited Operating temperature range, TA (5) –40 85 °C Operating junction temperature, TJ 150 °C Storage temperature range, Tstg –65 150 °C Human body model 2 kV ESD(6) Charge device model 1 kV (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Operation above 4.8V input voltage is not recommended over an extended period of time. (3) All voltage values are with respect to network ground terminal. (4) Limited to 50% Duty Cycle over Lifetime. (5) In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package in the application ( θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is recommended to operate the device with a maximum junction temperature of 105°C. (6) The human body model is a 100-pF capacitor discharged through a 1.5-k Ω resistor into each pin. The machine model is a 200-pF capacitor discharged directly into each pin. 2 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698 |
Similar Part No. - TPS62692 |
|
Similar Description - TPS62692 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |