Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62700 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62700
Description  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62700 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62700 Datasheet HTML 1Page - Texas Instruments TPS62700 Datasheet HTML 2Page - Texas Instruments TPS62700 Datasheet HTML 3Page - Texas Instruments TPS62700 Datasheet HTML 4Page - Texas Instruments TPS62700 Datasheet HTML 5Page - Texas Instruments TPS62700 Datasheet HTML 6Page - Texas Instruments TPS62700 Datasheet HTML 7Page - Texas Instruments TPS62700 Datasheet HTML 8Page - Texas Instruments TPS62700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PIN ASSIGNMENTS
A1
A2
A3
B3
C3
C2
C1
B1
CSP-8
TOP VIEW
PV
IN
AV
IN
EN
V
CON
FB
AGND
PGND
SW
A1
A2
A3
B3
C3
C2
C1
B1
CSP-8
BOTTOMVIEW
FB
AGND
PGND
SW
PV
IN
AV
IN
EN
V
CON
FUNCTIONAL BLOCK DIAGRAM
SW
Zero-Pole
Amp.
Integrator
Error Amp
.
PWM
Comp
.
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Through
Current
LimitComparator
Current
LimitComparator
2.0Mhz
Oscillator
Thermal
Shutdown
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
FB
Gain
2.5
Clamp
Circuit
Softstart
VCON
EN
AVIN
PVIN
PGND
AGND
TPS62700, TPS62701
SLVS784B – DECEMBER 2007 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO. CSP
PVIN
A1
PWR
VIN power supply input for the PMOSFET
AVIN
B1
PWR
VIN analog supply input for the internal analog circuitry
EN
C1
I
Enable input for the device. Set high for operation, low for shutdown. This pin must be terminated.
VCON
C2
I
Voltage control input. This pin controls the output voltage of the converter. The output voltage follows
VCON with a gain of 2.5 for 0.556 V ≤ VCON ≤ 1.208 V.
FB
C3
I
Analog Feedback Input Pin for the internal regulation loop. Connect this pin directly to the output
capacitor.
AGND
B3
I
Analog GND Pin for the internal analog circuitry.
PGND
A3
Power GND Pin for the NMOSFET
SW
A2
Switch Node to the internal PMOSFET and NMOSFET. Connect the external inductor between this pin
and the output capacitor.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62700 TPS62701


Similar Part No. - TPS62700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI-TPS62700 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com