Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62745 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62745
Description  Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62745 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62745 Datasheet HTML 6Page - Texas Instruments TPS62745 Datasheet HTML 7Page - Texas Instruments TPS62745 Datasheet HTML 8Page - Texas Instruments TPS62745 Datasheet HTML 9Page - Texas Instruments TPS62745 Datasheet HTML 10Page - Texas Instruments TPS62745 Datasheet HTML 11Page - Texas Instruments TPS62745 Datasheet HTML 12Page - Texas Instruments TPS62745 Datasheet HTML 13Page - Texas Instruments TPS62745 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
UVLO
EN
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
SW
Softstart
Limit
High Side
VIN
GND
PMOS
NMOS
PG
PG Comp
V
TH_UVLO
VIN
UVLO
Comp
Softstart
Control
Logic
VOUT
V
OUT_SET
Comparator
Direct Control
& Compensation
Error
amplifier
Min. On
Min. OFF
VIN
VOS
Timer
DCS
Control
Current
Limit Comparator
Limit
Low Side
Power Stage
UVLO
VOUT
Vin-switch
EN
UVLO
VIN_SW
V
Selection +
Setting
OUT
V
OUT_SET
VSEL 1
VSEL 2
VSEL 3
VSEL 4
Ultra Low Power
Reference 1.2V
V
TH_PG
V
OUT
V
Discharge
OUT
V
REF
UVLO
EN
EN
EN_VIN_SW
VIN
TPS62745, TPS627451
SLVSC68A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS62745 is the first dual-cell, ultra low power step down converter combining TI's DCS-Control™ topology
and ultra low quiescent current consumption (400 nA typical) while maintaining a regulated output voltage. The
device extends high efficiency operation to output currents down to a few micro amperes.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 DCS-Control™
TI's DCS-Control™ (Direct Control with Seamless Transition into Power Save Mode) is an advanced regulation
topology, which combines the advantages of hysteretic and voltage mode control. Characteristics of DCS -
ControlTM are excellent AC load regulation and transient response, low output ripple voltage and a seamless
transition between pulse frequency modulation (PFM) and pulse width modulation (PWM) mode operation. DCS-
ControlTM includes an AC loop which senses the output voltage (VOUT pin) and directly feeds the information to
a fast comparator stage. This comparator sets the switching frequency, which is constant for steady state
operating conditions, and provides immediate response to dynamic load changes. In order to achieve accurate
DC load regulation, a voltage feedback loop is used. The internally compensated regulation network achieves
fast and stable operation with small external components and low ESR capacitors. The DCS-ControlTM topology
supports PWM mode for medium and high load conditions and a power save mode at light loads. During PWM
mode, it operates in continuous conduction. The switching frequency is up to 2.5 MHz with a controlled frequency
variation depending on the input voltage. If the load current decreases, the converter seamlessly enters power
save mode to maintain high efficiency down to very light loads. In power save mode the switching frequency
varies linearly with the load current. Since DCS-ControlTM supports both operation modes within one single
building block, the transition from PWM to power save mode is seamless without effects on the output voltage.
The TPS62745 offers both excellent DC voltage and superior load transient regulation, combined with very low
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62745 TPS627451


Similar Part No. - TPS62745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
More results

Similar Description - TPS62745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com