Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62741 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62741
Description  360nA IQ Step Down Converter For Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62741 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62741 Datasheet HTML 6Page - Texas Instruments TPS62741 Datasheet HTML 7Page - Texas Instruments TPS62741 Datasheet HTML 8Page - Texas Instruments TPS62741 Datasheet HTML 9Page - Texas Instruments TPS62741 Datasheet HTML 10Page - Texas Instruments TPS62741 Datasheet HTML 11Page - Texas Instruments TPS62741 Datasheet HTML 12Page - Texas Instruments TPS62741 Datasheet HTML 13Page - Texas Instruments TPS62741 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
V ,
IN
V
OUT
PG
t
softstart
V
IN
Step Down Operation
100%
Mode
100%
Mode
V
TH_100+
V
TH_100-
V
UVLO+
V
UVLO-
V
TH_PG+
V
PG_Hys
V
tracks V
OUT
IN
V
tracks V
OUT
IN
High
Low
Low
V
discharge
OUT
TPS62740, TPS62742
SLVSB02B – NOVEMBER 2013 – REVISED JULY 2014
www.ti.com
Feature Description (continued)
9.3.7 Undervoltage Lockout UVLO
The device includes an under-voltage lockout (UVLO) comparator which prevents the device from misoperation
at too low input voltages. The UVLO comparator becomes active once the device is enabled with EN set to high.
Once the input voltage trips the UVLO threshold VTH_UVLO+ (typically 2.075V) for rising VIN, the UVLO comparator
releases the device for start up and operation. With a falling input voltage, the device operates down to the
UVLO threshold level VTH_UVLO- (typically 1.925V). Once this threshold is tripped, the device stops switching, the
load switch at pin LOAD is disabled and both rails, VOUT and LOAD are discharged. The converter starts
operation again once the input voltage trips the rising UVLO threshold level VTH_UVLO+.
9.4 Device Functional Modes
9.4.1 VOUT And LOAD Output Discharge
Both the VOUT pin and the LOAD pin feature a discharge circuit to connect each rail to GND, once they are
disabled. This feature prevents residual charge voltages on capacitors connected to these pins, which may
impact proper power up of the main- and sub-system. With CTRL pin pulled to low, the discharge circuit at the
LOAD pin becomes active. With the EN pin pulled to low, the discharge circuits at both pins VOUT and Load are
active. The discharge circuits of both rails VOUT and LOAD are associated with the UVLO comparator as well.
Both discharge circuits become active once the UVLO comparator triggers and the input voltage VIN has dropped
below the UVLO comparator threshold VTH_UVLO- (typ. 1.925V).
9.4.2 Automatic Transition Into 100% Mode
Once the input voltage comes close to the output voltage, the DC/DC converter stops switching and enters 100%
duty cycle operation. It connects the output VOUT via the inductor and the internal high side MOSFET switch to
the input VIN, once the input voltage VIN falls below the 100% mode enter threshold, VTH_100-. The DC/DC
regulator is turned off, not switching and therefore it generates no output ripple voltage. Because the output is
connected to the input, the output voltage tracks the input voltage minus the voltage drop across the internal high
side switch and the inductor caused by the output current. Once the input voltage increases and trips the 100%
mode leave threshold, VTH_100+ , the DC/DC regulator turns on and starts switching again. See Figure 6,
Figure 49, Figure 50, Figure 51.
Figure 6. Automatic 100% Mode Transition
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Similar Part No. - TPS62741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740EVM-186 TI-TPS62740EVM-186 Datasheet
453Kb / 14P
[Old version datasheet]   TPS62740EVM-186 Evaluation Module
TPS62743 TI1-TPS62743 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS62741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com