Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61045 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61045
Description  TPS61045 Digitally Adjustable Boost Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61045 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61045_14 Datasheet HTML 6Page - Texas Instruments TPS61045_14 Datasheet HTML 7Page - Texas Instruments TPS61045_14 Datasheet HTML 8Page - Texas Instruments TPS61045_14 Datasheet HTML 9Page - Texas Instruments TPS61045_14 Datasheet HTML 10Page - Texas Instruments TPS61045_14 Datasheet HTML 11Page - Texas Instruments TPS61045_14 Datasheet HTML 12Page - Texas Instruments TPS61045_14 Datasheet HTML 13Page - Texas Instruments TPS61045_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
td1
t(DWN)
td1
t(OFF)
Device Enabled
Device Disabled
High
Low
EN
td1
t(UP)
TPS61045
SLVS440C – JANUARY 2003 – REVISED DECEMBER 2014
www.ti.com
Figure 11. CTRL Timing Diagram
7.3.6 UVLO
An UVLO feature prevents misoperation of the device at input voltages below 1.5 V (typical). As long as the input
voltage is below the undervoltage threshold, the device remains off, with the input switch (Q1) and the main
switch (Q2) open.
7.3.7 Thermal Shutdown
An internal thermal shutdown is implemented in the TPS61045 device that shuts down the device if the typical
junction temperature of 160°C is exceeded. If the device is in thermal shutdown mode, the input switch (Q1) and
the main switch (Q2) are open.
7.4 Device Functional Modes
The device operates in a pulse frequency modulation (PFM) scheme with constant peak current control. This
control scheme maintains high efficiency over the entire load current range, and with a switching frequency of up
to 1 MHz, the device enables the use of small external components. The converter monitors the output voltage.
When the feedback voltage falls below the reference voltage of 1.233 V (typical), the main switch turns on and
the current ramps up. The main switch turns off when the inductor current reaches the internally set peak current
of 375 mA (typical).
10
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS61045


Similar Part No. - TPS61045_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
More results

Similar Description - TPS61045_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com