Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62745DSST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62745DSST
Description  Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62745DSST Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62745DSST Datasheet HTML 2Page - Texas Instruments TPS62745DSST Datasheet HTML 3Page - Texas Instruments TPS62745DSST Datasheet HTML 4Page - Texas Instruments TPS62745DSST Datasheet HTML 5Page - Texas Instruments TPS62745DSST Datasheet HTML 6Page - Texas Instruments TPS62745DSST Datasheet HTML 7Page - Texas Instruments TPS62745DSST Datasheet HTML 8Page - Texas Instruments TPS62745DSST Datasheet HTML 9Page - Texas Instruments TPS62745DSST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS62745, TPS627451
SLVSC68A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
7.4 Thermal Information
TPS62745
THERMAL METRIC(1)
DSS
UNIT
12 PINS
RθJA
Junction-to-ambient thermal resistance
61.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.9
°C/W
RθJB
Junction-to-board thermal resistance
25.7
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
25.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
VIN = 6 V, TJ = –40°C to 125°C typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VOUT + 0.7 V ≤ VIN ≤ 10 V ; min 3.3 V, whichever
VIN
Input voltage range
3.3
10
V
value is higher
EN = VIN, device not switching; IOUT = 0 µA;
IQ
Operating quiescent current
400
1960
nA
VOUT = 2 V; TJ = –40°C to 85°C
EN = GND, shutdown current into VIN;
130
1200
TJ = -40°C to 85°C
ISD
Shutdown current
nA
EN = GND, shutdown current into VIN; TJ = 60°C
830
VTH_UVLO+
Rising VIN; TJ = –40°C to 85°C
3.1
3.3
Undervoltage lockout
V
threshold
VTH_UVLO-
Falling VIN; TJ = –40°C to 85°C
2.9
3.1
INPUTS (EN, EN_VIN_SW, VSEL1-4)
VIH TH
High level input voltage
VTH_UVLO- ≤ VIN ≤ 10 V
1.2
V
VIL TH
Low level input voltage
VTH_UVLO- ≤ VIN ≤ 10 V
0.35
V
TJ = 25°C
10
Input bias current; except EN
IIN
TJ = 60°C
20
nA
pin
TJ = –40°C to 85°C
50
TJ = 25°C
20
IIN
Input bias current for EN pin
TJ = 60°C
40
nA
TJ = –40°C to 85°C
100
POWER SWITCHES
High side MOSFET on-
0.6
0.98
resistance
RDS(ON)
VIN = 4 V, I = 140 mA
Low side MOSFET on-
0.5
0.85
resistance
High side MOSFET DC switch
480
600
720
current limit
ILIMF
3.6 V
≤ VIN ≤ 10 V; device not in soft start
mA
Low side MOSFET DC switch
600
current limit
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62745 TPS627451


Similar Part No. - TPS62745DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
More results

Similar Description - TPS62745DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com