Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1129-079LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMV1129-079LF
Description  Hyperabrupt Junction Tuning Varactor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1129-079LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1129-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1129-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1129-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1129-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1129-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1129-079LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMV1129-079LF VARACTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200054L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
3
Typical Performance Characteristics
Reverse Voltage (V)
0
5
10
15
20
25
30
02
46
8
10
Figure 1. Capacitance vs Reverse Voltage
Table 4. Capacitance vs Reverse Voltage
VR
(V)
SMV1129-079LF
CT
(pF)
0
27.5
1
18.9
2
15.0
3
12.5
4
10.7
5
9.3
6
8.1
7
7.1
8
6.3
9
5.7
10
5.2
11
4.9
12
4.7


Similar Part No. - SMV1129-079LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1129-079 ALPHA-SMV1129-079 Datasheet
481Kb / 3P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1129-079LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com