Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CSZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5244CSZ-T13
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5244CSZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5244CSZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5244CSZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
tEN
Enable Time
EL5146, EL5246
500
ns
tDIS
Disable Time
EL5146, EL5246
10
ns
IIHCE
CE pin Input High Current
CE = 5V, EL5146, EL5246
0.003
1
mA
IILCE
CE pin Input Low Current
CE = 0V, EL5146, EL5246
-1.2
-3
mA
VIHCE
CE pin Input High Voltage for Power
Up
EL5146, EL5246
2.0
V
VILCE
CE pin Input Low Voltage for Power
Down
EL5146, EL5246
0.8
V
SUPPLY
IsON
Supply Current - Enabled (per
amplifier)
No load, VIN = 0V, CE = 5V
7
8.8
mA
IsOFF
Supply Current - Disabled (per
amplifier)
No load, VIN = 0V, CE = 0V
2.6
5
mA
PSOR
Power Supply Operating Range
4.75
5.0
5.25
V
PSRR
Power Supply Rejection Ratio
DC, VS = 4.75V to 5.25V
50
60
dB
NOTES:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.8MHz, VOUT is swept from 0.8V to 3.4V, RL is DC-coupled.
2. RL is total load resistance due to feedback resistor and load resistor.
Electrical Specifications
VS = +5V, GND = 0V, TA = 25°C, CE = +2V, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5144, EL5146, EL5244, EL5246, EL5444


Similar Part No. - EL5244CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5244CSZ-T13 RENESAS-EL5244CSZ-T13 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results

Similar Description - EL5244CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com