Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61096DSSR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61096DSSR
Description  TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61096DSSR Datasheet(HTML) 5 Page - Texas Instruments

  TPS61096DSSR Datasheet HTML 1Page - Texas Instruments TPS61096DSSR Datasheet HTML 2Page - Texas Instruments TPS61096DSSR Datasheet HTML 3Page - Texas Instruments TPS61096DSSR Datasheet HTML 4Page - Texas Instruments TPS61096DSSR Datasheet HTML 5Page - Texas Instruments TPS61096DSSR Datasheet HTML 6Page - Texas Instruments TPS61096DSSR Datasheet HTML 7Page - Texas Instruments TPS61096DSSR Datasheet HTML 8Page - Texas Instruments TPS61096DSSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TPS61096
www.ti.com
SLVSDB2A – JUNE 2016 – REVISED AUGUST 2016
Product Folder Links: TPS61096
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
-40°C
≤ TJ ≤ 125°C and VIN=3.6V. Typical values are at TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
1.8
5.5
V
VUVLO
Undervoltage lockout threshold
Input voltage rising
1.5
1.7
V
Hysteresis
0.2
0.3
V
IQ_VIN
Quiescent current into VIN pin
Device enabled, no load, no
switching
-40°C
≤ TJ ≤ 85 °C
1.2
2.5
µA
IQ_VOUT
Quiescent current into VOUT pin
Device enabled
internal LS main switch on, VOSNS
switch on
VOUT = 20 V, IQ to level shifter
excluded, -40°C
≤ TJ ≤ 85 °C
0.2
µA
ISD
Shutdown current into VIN pin
Device disabled
-40°C
≤ TJ ≤ 85 °C
0.07
0.3
µA
OUTPUT
VOUT
Output voltage range
4.5
28
V
VREF
Internal reference voltage
0.98
1
1.02
V
IOUT_LKG
Leakage current into VOUT pin
Device disabled
VOUT = 20 V
-40°C
≤ TJ ≤ 85 °C
0.2
µA
IFB_LKG
Leakage current into FB pin
VFB = 1.0 V
0.2
µA
VOVP
Output overvoltage protection
threshold
Rising edge at VOUT pin
28.2
29.4
30.6
V
VOVP_HYS
Overvoltage protection hysteresis
0.4
0.8
1.2
V
POWER SWITCH AND CURRENT LIMIT
RDS(on)
MOSFET on-resistance
VIN = 3.6 V
450
700
m
IILIM
Peak switch current limit
ILIM = Low
0.15
0.25
0.35
A
ILIM = High
0.35
0.5
0.6
A
tSS
Soft-start time
1
4.5
ms
ISW_LKG
Leakage current into SW pin (from
SW pin to GND)
Device disabled , VSW = 20 V
-40°C
≤ TJ ≤ 85 °C
0.5
µA
LEVEL SHIFTER
IQ_LS
Level shifters quiescent current into
VOUT pin
Both level shifter channel enabled,
LVIx = Low
0.5
1
µA
Both level shifter channel enabled,
LVIx = High
1.5
3
µA
fPULSE
Pulse frequency
CHVOx ≤ 10 pF
200
kHz
VIL
Low level input voltage threshold at
LVIx pin
Falling edge
0.15 ×
Vin
V
VIH
High level input voltage threshold at
LVIx pin
Rising edge
0.8 × Vin
V
VOH
High-level output voltage at HVOx
pin
12 V
≤ VOUT ≤ 28 V
IHVOx = 10 µA
VOUT
0.1 V
V
12 V
≤ VOUT ≤ 28 V
IHVOx = 100 µA
VOUT
0.3 V
V
VOL
Low-level output voltage at HVOx
12 V
≤ VOUT ≤ 28 V
IHVOx = -10 µA
0.1
V
12 V
≤ VOUT ≤ 28 V
IHVOx = -100 µA
0.3
V
ISRC
Level shifter high-side FET sourcing
current
VOUT = 20 V,
VHVOx = 0 V
800
µA
ISINK
Level shifter low-side FET sinking
current
VHVOx = 20 V
800
µA


Similar Part No. - TPS61096DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096ADSSR TI1-TPS61096ADSSR Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096ADSST TI1-TPS61096ADSST Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS61096DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com