Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61096DSSR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61096DSSR
Description  TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61096DSSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61096DSSR Datasheet HTML 3Page - Texas Instruments TPS61096DSSR Datasheet HTML 4Page - Texas Instruments TPS61096DSSR Datasheet HTML 5Page - Texas Instruments TPS61096DSSR Datasheet HTML 6Page - Texas Instruments TPS61096DSSR Datasheet HTML 7Page - Texas Instruments TPS61096DSSR Datasheet HTML 8Page - Texas Instruments TPS61096DSSR Datasheet HTML 9Page - Texas Instruments TPS61096DSSR Datasheet HTML 10Page - Texas Instruments TPS61096DSSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Input Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
D006
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
D007
Temperature (qC)
-40
-20
0
20
40
60
80
1.2
1.3
1.4
1.5
1.6
1.7
1.8
D004
VIN = 1.8 V
VIN = 3.6 V
VIN = 4.5 V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D005
Output Current (A)
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
10P
100P
1m
10m
100m
D001
VIN = 1.8 V
VIN = 2.7 V
VIN = 3.6 V
VIN = 4.2 V
Output Current (A)
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
10P
100P
1m
10m
100m
D002
VOUT = 12 V
VOUT = 18 V
VOUT = 24 V
7
TPS61096
www.ti.com
SLVSDB2A – JUNE 2016 – REVISED AUGUST 2016
Product Folder Links: TPS61096
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
VIN =1.8 V, 2.7 V, 3.6 V, 4.2 V
VOUT= 12 V
Figure 1. Load Efficiency with Different Inputs
VIN = 3.6 V
VOUT = 12 V, 18 V, 24 V
Figure 2. Load Efficiency with Different Outputs
VIN = 1.8 V, 3.6 V, 4.5 V
No switching
Figure 3. Quiescient Current into VIN vs Temperature
VIN = 3.6 V
TJ= –40°C to 125°C
Figure 4. Reference Voltage vs Temperature
VIN= 1.8 V to 5.5 V
TJ= 25°C
Figure 5. Current Limit vs VIN with ILIM = H
VIN= 3.6 V
TJ = –40°C to 125°C
Figure 6. Current Limit vs Temperature with ILIM = H


Similar Part No. - TPS61096DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096ADSSR TI1-TPS61096ADSSR Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096ADSST TI1-TPS61096ADSST Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS61096DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com