Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610986DSET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610986DSET
Description  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610986DSET Datasheet(HTML) 5 Page - Texas Instruments

  TPS610986DSET Datasheet HTML 1Page - Texas Instruments TPS610986DSET Datasheet HTML 2Page - Texas Instruments TPS610986DSET Datasheet HTML 3Page - Texas Instruments TPS610986DSET Datasheet HTML 4Page - Texas Instruments TPS610986DSET Datasheet HTML 5Page - Texas Instruments TPS610986DSET Datasheet HTML 6Page - Texas Instruments TPS610986DSET Datasheet HTML 7Page - Texas Instruments TPS610986DSET Datasheet HTML 8Page - Texas Instruments TPS610986DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986, TPS610987
www.ti.com
SLVS873D – JUNE 2015 – REVISED APRIL 2016
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986 TPS610987
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN, SW, VMAIN, VSUB
-0.3
4.7
V
MODE
-0.3
5.0
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500V HBM rating allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM rating allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±1000
V
Charged Device Model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
±250
(1)
Effective value. Ceramic capacitor’s derating effect under bias should be considered. Choose the right nominal capacitance by checking
capacitor DC bias characteristics.
(2)
If LDO output current is lower than 20 mA, the minimum effective output capacitance value can be lower to 0.5 µF.
(3)
With load switch version, the output capacitor at VSUB pin is only required if smaller voltage ripple is needed.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Input voltage range
0.7
4.5
V
V(MAIN)
Boost converter output voltage range
2.2
4.3
V
V(SUB)
Load switch / LDO outut voltage range
1.8
3.7
V
L
Effective inductance range
1.54
4.7
6.11
µH
CBAT
Effective input capacitance range at input(1)
5
µF
CO1
Effective output capacitance range at VMAIN pin for boost converter output (1)
5
10
22
µF
CO2
Effective output capacitance range at VSUB pin for LDO output (1)
1(2)
5
10
µF
Effective output capacitance range at VSUB pin for load switch output (1)(3)
1
2.2
µF
TJ
Operating virtual junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS61098x
UNIT
DSE 6 PINS
RθJA
Junction-to-ambient thermal resistance
207.3
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
118.9
RθJB
Junction-to-board thermal resistance
136.4
ψJT
Junction-to-top characterization parameter
8.3
ψJB
Junction-to-board characterization parameter
136.4
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A


Similar Part No. - TPS610986DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610986DSET TI1-TPS610986DSET Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
More results

Similar Description - TPS610986DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com