Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61100PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61100PWR
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61100PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61100PWR Datasheet HTML 6Page - Texas Instruments TPS61100PWR Datasheet HTML 7Page - Texas Instruments TPS61100PWR Datasheet HTML 8Page - Texas Instruments TPS61100PWR Datasheet HTML 9Page - Texas Instruments TPS61100PWR Datasheet HTML 10Page - Texas Instruments TPS61100PWR Datasheet HTML 11Page - Texas Instruments TPS61100PWR Datasheet HTML 12Page - Texas Instruments TPS61100PWR Datasheet HTML 13Page - Texas Instruments TPS61100PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
Table of Graphs
BOOST CONVERTER
Figure
vs Input voltage for VOUT = 3.3 V, 5.0 V
1
Maximum output current
vs Input voltage for VOUT = 1.8 V, 2.5 V
2
vs Output current for VIN = 1.2 V, VOUT = 1.5 V
3
vs Output current for VIN = 1.2 V, VOUT = 2.5 V
4
vs Output current for VIN = 1.2 V, VOUT = 3.3 V
5
Efficiency
vs Output current for VIN = 1.8 V, VOUT = 2.5 V
6
vs Output current for VIN = 2.4 V, VOUT = 3.3 V
7
vs Output current for VIN = 2.4 V, VOUT = 5.0 V
8
vs Input voltage for Iout = 10 mA/100 mA/200 mA, VOUT = 3.3 V
9
Output voltage
vs Output current TPS61103/6
10
Minimum start-up supply voltage
vs Load resistance
11
No-load supply current into VBAT
vs Input voltage
12
No-load supply current into VOUT
vs Input voltage
13
Output voltage (ripple) in continuous modeInductor current
14
Output voltage (ripple) in power save modeInductor current
15
Waveforms
Load transient response for output current step of 40 mA to 120 mA
16
Line transient response for supply voltage step from 1 V to 1.5 V at Iout = 100 mA
17
Boost converter start-up after enable
18
LDO
vs Input voltage for VOUT = 2.5 V, 3.3 V
19
Maximum output current
vs Input voltage for VOUT = 1.5 V, 1.8 V
20
Output voltage
vs Output current TPS61106
21
Dropout voltage
vs Output current TPS61100 at 3.3 V TPS61106
22
No-load supply current into LDOIN
vs Input voltage
23
PSRR
vs Frequency
24
Load transient response for output current step of 20 mA to 100 mA
25
Waveforms
Line transient response for supply voltage step from 1.8 V to 2.4 V at Iout = 100 mA
26
LDO start-up after enable
27
10
Not Recommended for New Designs


Similar Part No. - TPS61100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com