Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61100PWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61100PWRG4
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61100PWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61100PWRG4 Datasheet HTML 7Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 8Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 9Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 10Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 11Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 12Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 13Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 14Page - Texas Instruments TPS61100PWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VI - Input Voltage - V
VO = 1.8 V
VO = 2.5 V
0.8
1.8
1
1.2
1.4
1.6
2
2.2
2.4
TPS61100
0
0.2
0.4
0.6
0.8
1
1.2
0.8
1.8
3
VI - Input Voltage - V
VO = 3.3 V
VO = 5 V
1
1.2 1.4 1.6
2 2.2 2.4 2.6 2.8
3.2
TPS61100
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO - Output Current - mA
TPS61100
VO = 1.5 V,
VBAT = 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO - Output Current - mA
TPS61100
VO = 2.5 V,
VBAT = 1.2 V
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
MAXIMUM OUTPUT CURRENT
MAXIMUM OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 1.
Figure 2.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
11
Not Recommended for New Designs


Similar Part No. - TPS61100PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61100PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com