Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7307 Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7307
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7307 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF7307 Datasheet HTML 2Page - International Rectifier IRF7307 Datasheet HTML 3Page - International Rectifier IRF7307 Datasheet HTML 4Page - International Rectifier IRF7307 Datasheet HTML 5Page - International Rectifier IRF7307 Datasheet HTML 6Page - International Rectifier IRF7307 Datasheet HTML 7Page - International Rectifier IRF7307 Datasheet HTML 8Page - International Rectifier IRF7307 Datasheet HTML 9Page - International Rectifier IRF7307 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF7307
Package Outline
SO-8 Outline
Dimensions are shown in millimeters (inches)
SO-8
Part Marking Information
EXAM PL E :
TH IS IS AN IR F 7 101
DA T E CO DE (Y W W )
Y = LAST D IG IT O F T H E YEAR
WW = WE E K
W A F E R
L O T
C O D E
(L AST 4 D IG IT S )
XXXX
BO T TO M
PAR T N U M BER
TOP
IN T E RNA TI ON A L
R E C T IF IE R
L O G O
F 7 101
312
K x 45°
C
8X
L
8X
θ
H
0.25 (.010)
M
A M
A
0.10 (.004)
B 8X
0.25 (.010)
M
C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RECOMMENDED FOOTPRINT
0.72 (.028 )
8X
1.78 (.070)
8X
6.46 ( .255 )
1.27 ( .050 )
3X
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.0532
.0688
1.35
1.75
A1
.0040
.0098
0.10
0.25
B
.014
.018
0.36
0.46
C
.0075
.0098
0.19
0.25
D
.189
.196
4.80
4.98
E
.150
.157
3.81
3.99
e
.050 BASIC
1.27 BASIC
e1
.025 BASIC
0.635 BASIC
H
.2284
.2440
5.80
6.20
K
.011
.019
0.28
0.48
L
0.16
.050
0.41
1.27
θ
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS
MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006).
DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE..
5
6
A1
e1


Similar Part No. - IRF7307

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7307 UMW-IRF7307 Datasheet
491Kb / 9P
   Generation V Technology Ultra
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF Datasheet
282Kb / 10P
   HEXFET POWER MOSFET
IRF7307PBF IRF-IRF7307PBF Datasheet
287Kb / 10P
   GENERATION V TECHNOLOGY
logo
Infineon Technologies A...
IRF7307PBF INFINEON-IRF7307PBF Datasheet
287Kb / 10P
   Dual N and P Channel Mospet
10/7/04
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7307

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com