Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2012A-161YA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRF2012A-161YA
Description  Common Mode Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012A-161YA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRF2012A-161YA Datasheet HTML 1Page - Bourns Electronic Solutions SRF2012A-161YA Datasheet HTML 2Page - Bourns Electronic Solutions SRF2012A-161YA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USER DIRECTION OF FEED
1.45 ± 0.1
(.057 ± .004)
0.24 ± 0.05
(.009 ± .002)
2.25 ± 0.1
(.089 ± .004)
1.5 + 0.1
(.059 + .004)
DIA.
1.1 + 0.1
(.043 + .004)
DIA.
A
A
1.50 ± 0.1
(.059 ± .004)
SECTION A-A
8.0 ± 0.1
(.315 ± .004)
1.75 ± 0.1
(.069 ± .004)
3.5 ± 0.05
(.138 ± .002)
4.0 ± 0.1
(.157 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
SRF0504 Series - Line Filter
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY: 2000 PCS. PER REEL
0
8/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRF2012AA Series - Common Mode Chip Inductors
9.0 ± 0.5
(.354 ± .020)
60 ± 2
(2.362 ± .079)
178 ± 2
(7.008 ± .079)
13.5 ± 0.5
(.531 ± .020)
DIA.
120 °
1.9
(.075)
R
13.5 ± 0.5
(.531 ± .020)
R
20.5
(.807)
0.5
(.020)
R
10.5
(.413)
R
1000
10000
100
10
1
0.1
1
10
100
Frequency (MHz)
SRF2012A-361YA
1000
10000
Common Mode
Normal Mode
Typical Impedance vs. Frequency Curves (Continued)


Similar Part No. - SRF2012A-161YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF2012A-161YA BOURNS-SRF2012A-161YA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
More results

Similar Description - SRF2012A-161YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532 BOURNS-SRF4532 Datasheet
281Kb / 3P
   Common Mode Chip Inductors
SRF2012AA BOURNS-SRF2012AA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF2012-300YA BOURNS-SRF2012-300YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
SRF3216A BOURNS-SRF3216A Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF3216 BOURNS-SRF3216 Datasheet
378Kb / 3P
   Common Mode Chip Inductors
SRF2012A BOURNS-SRF2012A Datasheet
413Kb / 3P
   Common Mode Chip Inductors
SRF3216A-900Y BOURNS-SRF3216A-900Y Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF4532-1R0Y BOURNS-SRF4532-1R0Y Datasheet
252Kb / 3P
   Common Mode Chip Inductors
logo
Central Technologies
CTDLW43SF CT-CTDLW43SF Datasheet
545Kb / 2P
   Common Mode Chip Inductors
logo
Bourns Electronic Solut...
SRF2012-361YA BOURNS-SRF2012-361YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com