Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 4 Page - Bi technologies

Part # 7481
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7481 Datasheet(HTML) 4 Page - Bi technologies

  7481 Datasheet HTML 1Page - Bi technologies 7481 Datasheet HTML 2Page - Bi technologies 7481 Datasheet HTML 3Page - Bi technologies 7481 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 19, 2015
Model 7480 page 4 of 4
Model 7480
40°
SLIDER
.625RMAX
15.9RMAX
VIEWB
105°MAX
Optional Terminal Configuration
.110
2.794
.020Thickness
.060±.003
1.524±.076
.062±.003
1.524±.076
Dia.
Use Special Feature Code “FT” to order.
Enlarged View B
105°
Max.
Clamp
.922
23.4Dia. Max.
.625
15.9 R. Max.
Clamp
Ears
.875±.016
22.2±0.41
Housing Dia.
Slider
.080±.001
2.03±0.03 Dia.
.057
1.45 Min.
.062±.005
1.58±0.13
.062±.005
1.58±0.13
Chamfer
.016/0.406 Max. x 45°
.625
15.875
+.000
-.001
+0.000
-0.025
.875
22.2
+.005
-.010
+0.13
-0.25
.1248
3.1699
+.0000
-.0003
+0.0000
-0.0076
Dia.
Dia.
Dia.
Mounting Surface
.375±.031
9.53±0.79
.781
19.8 Dia. Max.
1.250±.031
31.75±0.79
.875±.016
22.2±0.41
.250
6.35
Min.
CCWCW
Model 7483
Servo Mount with Ball Bearing
OUTLINE DRAWINGS (continued)


Similar Part No. - 7481

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7481 BITECH-7481 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
Renesas Technology Corp
7481 RENESAS-7481 Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Wurth Elektronik GmbH &...
748111009 WURTH-748111009 Datasheet
534Kb / 7P
   WE-LPF Multilayer Chip Low-Pass Filter
002.000
748112024 WURTH-748112024 Datasheet
181Kb / 3P
   Low-Pass-Filter WE-LPF
748121055 WURTH-748121055 Datasheet
190Kb / 3P
   Low-Pass-Filter WE-LPF
More results

Similar Description - 7481

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com