Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6273 Datasheet(PDF) 3 Page - Bi technologies

Part # 6273
Description  Precision Potentiometer / Position Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6273 Datasheet(HTML) 3 Page - Bi technologies

  6273 Datasheet HTML 1Page - Bi technologies 6273 Datasheet HTML 2Page - Bi technologies 6273 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
October 31, 2014
Model 6273 page 3 of 3
Model 6273
OUTLINE DRAWING
Clamp
Ears
CW
CCW
Slider
100° Max.
.719
18.3
R. Max.
"RS"±.031
±0.79
"L"±.015
±0.38
Mounting Surface
.500±.031
12.7±0.79
+.0000
-.0003
+0.000
-0.008
.1248
3.170
+.0000
-.0005
+0.000
-0.013
.9688
24.61
Dia.
Dia. 1.062±.005
26.98±0.13 Dia.
1.062±.016
26.98±0.41 Dia.
.975
24.8 Max.
.062±.005
1.58±0.13
.062±.005
1.58±0.13
Chamfer .016
0.41 Max. x 45°
.010
0.25 R. Max.
.062±.005
1.58±0.13
.160
4.06
Min.
Dim. “L” Dim. “RS” No.of Gangs
.500
12.7
.850
21.59
1.200
30.48
1.550
39.70
1.000
25.40
1.350
34.29
1.700
43.18
2.050
52.07
1
2
3
4


Similar Part No. - 6273

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
logo
TT Electronics.
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
logo
Wurth Elektronik GmbH &...
62731020621 WURTH-62731020621 Datasheet
393Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62731220621 WURTH-62731220621 Datasheet
393Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62731420621 WURTH-62731420621 Datasheet
387Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
More results

Similar Description - 6273

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6173 BITECH-6173 Datasheet
189Kb / 3P
   Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
   Precision Potentiometer / Position Sensor
8141 BITECH-8141 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
   Precision Potentiometer/ Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
   Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
   Precision Potentiometer Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
   Precision Potentiometer / Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
   Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
6371 BITECH-6371 Datasheet
176Kb / 3P
   Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com