Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3371 Datasheet(PDF) 2 Page - Bi technologies

Part # 3371
Description  Precision Potentiometer / Position Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

3371 Datasheet(HTML) 2 Page - Bi technologies

  3371_14 Datasheet HTML 1Page - Bi technologies 3371_14 Datasheet HTML 2Page - Bi technologies 3371_14 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Operating Temperature Range
-25°C to +105°C
Temperature Cycling
5 cycles, -65°C to +105°C, maximum 10% ΔR
Shock
6 ms sawtooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
10 G’s, 10 to 500 Hz, maximum 2% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
five 24 hour cycles, maximum 25% ΔR
High Temperature Exposure
1,000 hours at 105°C, maximum 0.5% ΔR
Rotational Life
2 million shaft revolutions
Rotational Load Life
2 million shaft revolutions, maximum 10% ΔR
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
3371 R 10K T5 L.5 xx
FEATURE CODES
Model 3371
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft
SS
Shaft Lock
SL
Stop
ST
Seal (IP66)
ES
October 31 2014
Model 3371 page 2 of 3
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
1K
5K
20K
100K
2K
10K
50K
When multiple Optional Feature codes are used the P/N shall
be in the same sequence as listed in this table (top to bottom).


Similar Part No. - 3371_14

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3371R100KT5L.5XX BITECH-3371R100KT5L.5XX Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
3371R10KT5L.5XX BITECH-3371R10KT5L.5XX Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
3371R1KT5L.5XX BITECH-3371R1KT5L.5XX Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
More results

Similar Description - 3371_14

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6173 BITECH-6173 Datasheet
189Kb / 3P
   Precision Potentiometer / Position Sensor
8141 BITECH-8141 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
   Precision Potentiometer/ Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
   Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
   Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
   Precision Potentiometer Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
   Precision Potentiometer / Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
   Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
6371 BITECH-6371 Datasheet
176Kb / 3P
   Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com