Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU2703 Datasheet(PDF) 5 Page - International Rectifier

Part # IRLU2703
Description  POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU2703 Datasheet(HTML) 5 Page - International Rectifier

  IRLU2703 Datasheet HTML 1Page - International Rectifier IRLU2703 Datasheet HTML 2Page - International Rectifier IRLU2703 Datasheet HTML 3Page - International Rectifier IRLU2703 Datasheet HTML 4Page - International Rectifier IRLU2703 Datasheet HTML 5Page - International Rectifier IRLU2703 Datasheet HTML 6Page - International Rectifier IRLU2703 Datasheet HTML 7Page - International Rectifier IRLU2703 Datasheet HTML 8Page - International Rectifier IRLU2703 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLR/U2703
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
4.5V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
A
P
t
2
1
t
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
12
J
DM
thJC
C
25
50
75
100
125
150
175
0
5
10
15
20
25
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


Similar Part No. - IRLU2703

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLU2703 ISC-IRLU2703 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU2703PBF IRF-IRLU2703PBF Datasheet
319Kb / 11P
   Logic-Level Gate Drive
IRLU2703PBF IRF-IRLU2703PBF Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRLU2703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com