Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM34406AA-N Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM34406AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM34406AA-N Datasheet(HTML) 2 Page - ELM Electronics

  ELM34406AA-N Datasheet HTML 1Page - ELM Electronics ELM34406AA-N Datasheet HTML 2Page - ELM Electronics ELM34406AA-N Datasheet HTML 3Page - ELM Electronics ELM34406AA-N Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ELM34406AA-N
4 -
■Electrical characteristics
Parameter
Symbol
Condition
Min. Typ. Max. Unit Note
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Id=250μA, Vgs=0V
40
V
Zero gate voltage drain current
Idss
Vds=32V, Vgs=0V
1
μA
Vds=30V, Vgs=0V, Ta=125°C
10
Gate-body leakage current
Igss Vds=0V, Vgs=±20V
±250 nA
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=250μA
1.0
1.5
2.5
V
On state drain current
Id(on) Vgs=10V, Vds=10V
20
A
1
Static drain-source on-resistance
Rds(on)
Vgs=10V, Id=7.5A
21
28
1
Vgs=4.5V, Id=6.5A
30
42
Forward transconductance
Gfs Vds=10V, Id=7.5A
19
S
1
Diode forward voltage
Vsd If=Is, Vgs=0V
1
V
1
Max. body-diode continuous current
Is
1.3
A
Pulsed body-diode current
Ism
2.6
A
3
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=10V, f=1MHz
790
pF
Output capacitance
Coss
175
pF
Reverse transfer capacitance
Crss
65
pF
SWITCHING PARAMETERS
Total gate charge
Qg
Vgs=10V, Vds=20V, Id=7.5A
16.0
nC
2
Gate-source charge
Qgs
2.5
nC
2
Gate-drain charge
Qgd
2.1
nC
2
Turn-on delay time
td(on)
Vgs=10V, Vds=20V, Id=1A
Rgen=6Ω
2.2
4.4
ns
2
Turn-on rise time
tr
7.5
15.0
ns
2
Turn-off delay time
td(off)
11.8 21.3
ns
2
Turn-off fall time
tf
3.7
7.4
ns
2
Body diode reverse recovery time
trr
If=5A, dIf/dt=100A/μs
15.5
ns
Body diode reverse recovery charge
Qrr If=5A, dIf/dt=100A/μs
7.9
nC
NOTE :
1. Pulsed width≤300μsec and Duty cycle≤2%;
2. Independent of operating temperature;
3. Pulsed width limited by maximum junction temperature.
4. Duty cycle ≤ 1%.
Single N-channel MOSFET
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM34406AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34406AA-N ELM-TECH-ELM34406AA-N Datasheet
617Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM34406AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com