Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM34418AA-N Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM34418AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM34418AA-N Datasheet(HTML) 3 Page - ELM Electronics

  ELM34418AA-N Datasheet HTML 1Page - ELM Electronics ELM34418AA-N Datasheet HTML 2Page - ELM Electronics ELM34418AA-N Datasheet HTML 3Page - ELM Electronics ELM34418AA-N Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
4 -
ELM34418AA-N
■Typical electrical and thermal characteristics
3
C-44-1
N-Channel Enhancement Mode
Field Effect Transistor
PV510BA
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
REV 0.9
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=20A
Qg , Total Gate Charge(nC)
Source-Drain Diode Forward Voltage
VSD, Source-To-Drain Voltage(V)
On-Resistance VS Temperature
VDS, Drain-To-Source Voltage(V)
Output Characteristics
Transfer Characteristics
VGS, Gate-To-Source Voltage(V)
TJ , Junction Temperature(C)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
0
6
12
18
24
30
0
1
2
3
4
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3.5V
VGS=3V
VGS=2.5V
25�
125�
-20�
0
6
12
18
24
30
0
1
2
3
4
CISS
COSS
CRSS
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
0
2
4
6
8
10
0
10
20
30
40
50
60
VDS=15V
ID=20A
25�
150�
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Single N-channel MOSFET


Similar Part No. - ELM34418AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34411AA-N ELM-TECH-ELM34411AA-N Datasheet
622Kb / 4P
   Single P-channel MOSFET
logo
ELM Electronics
ELM34411AA-N ELM-ELM34411AA-N Datasheet
1,003Kb / 4P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM34411AA-S ELM-TECH-ELM34411AA-S Datasheet
283Kb / 4P
   Single P-channel MOSFET
ELM34413AA-N ELM-TECH-ELM34413AA-N Datasheet
623Kb / 4P
   Single P-channel MOSFET
logo
ELM Electronics
ELM34413AA-N ELM-ELM34413AA-N Datasheet
1,005Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM34418AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com