Electronic Components Datasheet Search |
|
IDT71T75802S200PFI Datasheet(PDF) 10 Page - Integrated Device Technology |
|
IDT71T75802S200PFI Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 25 page 6.42 10 IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Burst Write Operation(1) Burst Read Operation(1) Write Operation(1) NOTES: 1. H = High; L = Low; X = Don’t Care; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. NOTES: 1. H = High; L = Low; X = Don’t Care; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. NOTES: 1. H = High; L = Low; X = Don’t Care; ? = Don’t Know; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. Cycle Address R/ W ADV/ LD CE(2) CEN BWx OE I/O Comments nA0 H L L L X X X Address and Control meet setup n+1 X X H X L X X X Clock Setup Valid, Advance Counter n+2 X X H XL XL Q0 Address A0 Read Out, Inc. Count n+3 X X H XL XL Q0+1 Address A0+1 Read Out, Inc. Count n+4 X X H XL XL Q0+2 Address A0+2 Read Out, Inc. Count n+5 A1 HL L L X L Q0+3 Address A0+3 Read Out, Load A1 n+6 X X H XL XL Q0 Address A0 Read Out, Inc. Count n+7 X X H XL XL Q1 Address A1 Read Out, Inc. Count n+8 A2 HL L L X L Q1+1 Address A1+1 Read Out, Load A2 5313 tbl 14 Cycle Address R/ W ADV/ LD CE(2) CEN BWx OE I/O Comments nA0 L L L L L X X Address and Control meet setup n+1 X X X X L X X X Clock Setup Valid n+2 X X X X L X X D0 Write to Address A0 5313 tbl 15 Cycle Address R/ W ADV/ LD CE(2) CEN BWx OE I/O Comments nA0 L L L L L X X Address and Control meet setup n+1 X X H X L L X X Clock Setup Valid, Inc. Count n+2 X X H X L L X D0 Address A0 Write, Inc. Count n+3 X X H X L L X D0+1 Address A0+1 Write, Inc. Count n+4 X X H X L L X D0+2 Address A0+2 Write, Inc. Count n+5 A1 L L LLL X D0+3 Address A0+3 Write, Load A1 n+6 X X H X L L X D0 Address A0 Write, Inc. Count n+7 X X H X L L X D1 Address A1 Write, Inc. Count n+8 A2 L L LLL X D1+1 Address A1+1 Write, Load A2 5313 tbl 16 |
Similar Part No. - IDT71T75802S200PFI |
|
Similar Description - IDT71T75802S200PFI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |