Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1574A Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS1574A
Description  HD-LINX짰 II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1574A Datasheet(HTML) 1 Page - Semtech Corporation

  GS1574A Datasheet HTML 1Page - Semtech Corporation GS1574A Datasheet HTML 2Page - Semtech Corporation GS1574A Datasheet HTML 3Page - Semtech Corporation GS1574A Datasheet HTML 4Page - Semtech Corporation GS1574A Datasheet HTML 5Page - Semtech Corporation GS1574A Datasheet HTML 6Page - Semtech Corporation GS1574A Datasheet HTML 7Page - Semtech Corporation GS1574A Datasheet HTML 8Page - Semtech Corporation GS1574A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
GS1574A HD-LINX® II Adaptive Cable Equalizer
Data Sheet
33416 - 10
August 2011
GS1574A HD-LINX® II Adaptive Cable Equalizer
www.gennum.com
Features
• SMPTE 292M and SMPTE 259M compliant
•Automatic cable equalization
• Multi-standard operation from 143Mb/s to 1.485Gb/s
• Supports DVB-ASI at 270Mb/s
• Small footprint (4mm x 4mm)
• Pb-free and RoHS compliant
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Performance optimized for 270Mb/s and 1.485Gb/s
• Typical equalized length of Belden 1694A cable: 200m
at 1.485Gb/s, 350m at 270Mb/s
•50Ω differential output (with internal 50Ω pull-ups)
• Manual output mute or programmable mute based on
max cable length adjust
• Single 3.3V power supply operation
• Operating temperature range: 0°C to +70°C
Application
• SMPTE 292M and SMPTE 259M Coaxial Cable Serial
Digital Interfaces
Description
The GS1574A is a second-generation high-speed BiCMOS
integrated circuit designed to equalize and restore signals
received over 75Ω co-axial cable.
The GS1574A is designed to support SMPTE 292M and
SMPTE 259M, and is optimized for performance at 270Mb/s
and 1.485Gb/s.
The GS1574A features DC restoration to compensate for
the DC content of SMPTE pathological test patterns.
A voltage programmable mute threshold (MCLADJ) is
included to allow muting of the GS1574A output when an
approximate selected cable length is reached for SMPTE
259M signals. This feature allows the GS1574A to
distinguish between low amplitude SD-SDI signals and
noise at the input of the device. The serial digital outputs of
the GS1574A may be forced to a mute state by applying a
voltage to the MUTE pin.
Power consumption is typically 215mW using a 3.3V
power supply. The GS1574A is lead-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
Figure A: GS1574A Functional Block Diagram
CABLE LENGTH ADJUSTOR
CARRIER DETECT
MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
CD
MUTE
SDO
BYPASS
SDO
SDI
SDI
MCLADJ


Similar Part No. - GS1574A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574ACNE3 GENNUM-GS1574ACNE3 Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1574ACNE3 GENNUM-GS1574ACNE3 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
More results

Similar Description - GS1574A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9064A GENNUM-GS9064A Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com