Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1575B Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS1575B
Description  Multi-Rate SDI Automatic Reclocker
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1575B Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS1575B Datasheet HTML 5Page - Semtech Corporation GS1575B Datasheet HTML 6Page - Semtech Corporation GS1575B Datasheet HTML 7Page - Semtech Corporation GS1575B Datasheet HTML 8Page - Semtech Corporation GS1575B Datasheet HTML 9Page - Semtech Corporation GS1575B Datasheet HTML 10Page - Semtech Corporation GS1575B Datasheet HTML 11Page - Semtech Corporation GS1575B Datasheet HTML 12Page - Semtech Corporation GS1575B Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
9 of 28
38, 40
SCO, SCO
Output
Serial clock output.
When SCO_ENABLE is set HIGH, a serial digital differential clock will be
presented to the application layer at the selected data rate.
39, 45, 54 - 59
NC
No Connect
Not connected internally.
41
VCC_SCO
Power
Most positive power supply connection for the SCO/SCO output driver.
Connect to 3.3V.
42
VEE_SCO
Power
Most negative power supply connection for the SCO/SCO output driver.
Connect to GND.
43
GND_DRV
Passive
Recommended connect to GND.
44, 46
DDO, DDO
Output
Differential Serial Digital Outputs.
47
VCC_DDO
Power
Most positive power supply connection for the DDO/DDO output driver.
Connect to 3.3V.
48
VEE_DDO
Power
Most negative power supply connection for the DDO/DDO output driver.
Connect to GND.
50, 51
XTAL_OUT+,
XTAL_OUT-
Output
Differential outputs of the reference oscillator used for monitoring or test
purposes.
52, 53
XTAL+, XTAL-
Input
Reference crystal input. Connect to the GO1535 as shown in the Typical
Application Circuits on page 23.
60
VEE_CP
Power
Most negative power supply connection for the internal charge pump.
Connect to GND.
61VCC_CP
Power
Most positive power supply connection for the internal charge pump.
Connect to 3.3V.
62, 63
LF+, LF-
Passive
Loop filter capacitor connection. Connect as shown in the Typical
Application Circuits on page 23.
Center Pad
Ground pad on bottom of package.
Solder to main ground plane following recommendations under
Recommended PCB Footprint on page 26.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Similar Part No. - GS1575B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1575B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com